Electronic Components Datasheet Search
  English  ▼

X  

UNC Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # UNC
Description  Spark Gap Protectors (SPG)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UNC Datasheet(HTML) 1 Page - UN Semiconducctor INC

  UNC Datasheet HTML 1Page - UN Semiconducctor INC UNC Datasheet HTML 2Page - UN Semiconducctor INC UNC Datasheet HTML 3Page - UN Semiconducctor INC UNC Datasheet HTML 4Page - UN Semiconducctor INC UNC Datasheet HTML 5Page - UN Semiconducctor INC UNC Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
Part Numbering
Dimensions
Dimension (mm)
Symbol
Inches
ROHS
www.unsemi.com.tw
Features
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/5
UNC Series
Spark Gap Protectors (SPG)
Approximately zero leaking current before clamping voltage
Less decay at on/off state.
High capability to withstand repeated lightning strikes.
Low electrode capacitance( ≤ 1.0 pF) and high isolation( ≥100MΩ).
RoHS compliant.
Bilateral symmetrical.
Temperature, humidity and lightness insensitive.
Operating temperature: -40℃ ~ +85℃
Storage temperature: -40℃ ~ +125℃
Meets MSL level 1, per J-STD-020
Power Supplies
Motor sparks eliminating
Relay switching spark absorbing
Data line pulse guarding
Electronic devices requiring UL497A and UL497B compliant
Telephone/Fax/Modem
High frequency signal transmitters/receivers
Satellite antenna
Radio amplifiers
Alarm systems
Cathode ray tubes in Monitors/TVs
(1) Series
(2) VS Voltage, e.g. 201=20X10¹ =200V
(3) VS Voltage tolerance: L - ±15%, M - ±20%, N - ±30%
UNC
201 M
-
(1)
(2) (3)
L1
L
d
D
28.0±2.0
6.7±1.0
0.5±0.05
3.1±0.5
1.102±0.079
0.252±0.039
0.020±0.002
0.122±0.020
L1
L1
L
D
d
Color Code3
Color Code2
Color Code1


Similar Part No. - UNC

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNC-102MSMD UNSEMI-UNC-102MSMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-141NSMD UNSEMI-UNC-141NSMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-201MSMD UNSEMI-UNC-201MSMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-301MSMD UNSEMI-UNC-301MSMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-401MSMD UNSEMI-UNC-401MSMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results

Similar Description - UNC

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com