Electronic Components Datasheet Search
  English  ▼

X  

AM29LV640MU Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV640MU
Description  64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MU Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV640MU Datasheet HTML 7Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 8Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 9Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 10Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 11Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 12Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 13Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 14Page - Advanced Micro Devices AM29LV640MU Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
February 1, 2007 25301C5
Am29LV640MU
9
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Note:
For the Am29LV640MU device, the last numeric digit in the speed option (e.g.
101, 112, 120) is used for internal purposes only. Use OPNs as listed when
placing orders.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for
this device. Consult the local AMD sales office to confirm availability of spe-
cific valid combinations and to check on newly released combinations.
Am29LV640M
U
120R
PC
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
PC
=
64-Ball Fortified Ball Grid Array,
1.0 mm pitch, 13 x 11 mm package (LAA064)
WH
=
63-Ball Fine Pitch Ball Grid Array,
0.80 mm pitch, 12 x 11 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV640MU
64 Megabit (4 M x 16-Bit) MirrorBit
™ Uniform Sector Flash Memory
with VersatileIO
™ Control, 3.0 Volt-only Read, Program, and Erase
Valid Combinations for
Fortified or Fine-Pitch BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package Marking
Am29LV640MU90R
WHI L640MU90R
I90
3.0–
3.6 V
3.0–
3.6 V
PCI L640MU90N
Am29LV640MU101
WHI L640MU01V
I
100
2.7–
3.6 V
2.7–
3.6 V
PCI L640MU01P
Am29LV640MU112
WHI L640MU11V
I
110
1.65–
3.6 V
PCI L640MU11P
Am29LV640MU120
WHI, L640MU12V
I
120
1.65–
3.6 V
PCI L640MU12P
Am29LV640MU101R
WHI, L640MU01R
I
100
2.7–
3.6 V
3.0–
3.6 V
PCI L640MU01N
Am29LV640MU112R
WHI, L640MU11R
I
110
1.65–
3.6 V
PCI L640MU11N
Am29LV640MU120R
WHI, L640MU12R
I
120
1.65–
3.6 V
PCI L640MU12N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com