Electronic Components Datasheet Search
  English  ▼

X  

PSM712 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PSM712
Description  Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PSM712 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PSM712 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Note 1)
DEVICE
MARKING
RATED
STAND- OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 8/20µs
V @ I
MAXIMUM
LEAKAGE
Pin 3-1 & Pin 3-2
712
7.0
7.5
11.0
17V @ 34A
20
75
Pin 1-3 & Pin 2-3
12.0
13.3
19.0
30V @ 30A
1
75
NOTES
1.
For 7V, pin 3 is positive. For 12V, pins 1 and 2 are positive.
2 . Marking code applies to same device.
C
PP
CURRENT
@V
WM
I
D
µA
TYPICAL
CAPACITANCE
@0V, 1MHz
C
pF
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
UMW
PSM712
R
10,000
1,000
100
10
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.1
1
10
100
1,000
10,000
td - Pulse Duration - µs
500W, 8/20µs Waveform
TYPICAL DEVICE CHARACTERISTICS
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 2
PULSE WAVE FORM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com