Electronic Components Datasheet Search
  English  ▼

X  

PSM712 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PSM712
Description  Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PSM712 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PSM712 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UMW
PSM712
R
SOT-23 PACKAGE IMFORMATION
www.umw-ic.com
4
UTD Semiconductor Co.,Limited
Ordering information
Order code
Package
Base qty
Delivery mode
SOT-23
3000
Tape and reel
UMW PSM712-LF-T7
Marking
712
Min.
Max.
Min.
Max.
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.00
2.500
0.078
0.098
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
8°
0.550 REF.
0.022 REF.
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP.
0.037 TYP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com