Electronic Components Datasheet Search
  English  ▼

X  

PSM712 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PSM712
Description  Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PSM712 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PSM712 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PSM712 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIGURE 1
SPICE MODEL
ABD
ABD
1
2
12
12
7
7
3
Lg
0.6nH
ABD
ABD
ABD - Avalanche Breakdown Diode (TVS)
Lg - Lead Inductance
TABLE 1 - SPICE PARAMETERS
PARAMETER
UNIT
ABD(TVS)
BV
V
See Table 2
IBV
µA
See Table 2
jo
pF
See Table 2
I
S
A
See Table 2
Vj
V
0.6
M
-
0.33
N
-
1
R
S
Ohms
See Table 2
TT
s
1E-8
EG
eV
1.11
TABLE 2 - ABD SPECIFIC SPICE PARAMETERS
PART NUMBER
B
V (VOLTS)
IBV(µA)
Cjo( pF)
I
S (AMPS)
R
s(OHMS)
PSM712 - 7V
7.5
20
146
1E-11
0.28
PSM712 - 12V
13.3
1
123
1E-13
0.40
C
www.umw-ic.com
3
UTD Semiconductor Co.,Limited
UMW
PSM712
R
SPICE MODEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com