Electronic Components Datasheet Search
  English  ▼

X  

DL161 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # DL161
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL161 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button DL161 Datasheet HTML 32Page - Advanced Micro Devices DL161 Datasheet HTML 33Page - Advanced Micro Devices DL161 Datasheet HTML 34Page - Advanced Micro Devices DL161 Datasheet HTML 35Page - Advanced Micro Devices DL161 Datasheet HTML 36Page - Advanced Micro Devices DL161 Datasheet HTML 37Page - Advanced Micro Devices DL161 Datasheet HTML 38Page - Advanced Micro Devices DL161 Datasheet HTML 39Page - Advanced Micro Devices DL161 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
January 9, 2002
Am42DL16x4D
35
P R E L IMINARY
DC CHARACTERISTICS
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LIT
RESET# Input Load Current
V
CC = VCC max; RESET# = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LIA
ACC Input Leakage Current
V
CC = VCC max,
WP#/ACC = VACC max
35
µA
I
CC1f
Flash V
CC Active Read Current
(Notes 1, 2)
CE#f = V
IL, OE# = VIH,
Word Mode
5 MHz
10
16
mA
1 MHz
2
4
ICC2f
Flash VCC Active Write Current
(Notes 2, 3)
CE#f = VIL, OE# = VIH, WE# = VIL
15
30
mA
I
CC3fFlash VCC Standby Current (Note 2)
V
CCf = VCC max, CE#f, RESET#,
WP#/ACC = VCCf ± 0.3 V
0.2
5
µA
I
CC4fFlash VCC Reset Current (Note 2)
V
CCf = VCC max, RESET# = VSS ±
0.3 V, WP#/ACC = V
CCf ± 0.3 V
0.2
5
µA
ICC5f
Flash VCC Current Automatic Sleep
Mode (Notes 2, 4)
VCCf = VCC max, VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
0.2
5
µA
I
CC6f
Flash V
CC Active
Read-While-Program Current (Notes
1, 2)
CE#f = V
IL, OE# = VIH
21
45
mA
I
CC7f
Flash V
CC Active Read-While-Erase
Current (Notes 1, 2)
CE#f = V
IL, OE# = VIH
21
45
mA
I
CC8f
Flash VCC Active
Program-While-Erase-Suspended
Current (Notes 2, 5)
CE#f = V
IL, OE#f = VIH
17
35
mA
IACC
ACC Accelerated Program Current
CE#f = VIL, OE# = VIH
ACC pin
5
10
mA
V
CC pin
15
30
mA
I
CC4sSRAM VCC Standby Current
CE1#s
≥ V
CCs – 0.2V, CE2s ≥
VCCs – 0.2V
10
µA
I
CC5sSRAM VCC Standby Current
CE2s
≤ 0.2V
10
µA
V
IL
Input Low Voltage
–0.2
0.6
V
VIH
Input High Voltage
2.4
VCC + 0.2
V
V
HH
Voltage for WP#/ACC Program
Acceleration and Sector
Protection/Unprotection
8.5
9.5
V
V
ID
Voltage for Sector Protection,
Autoselect and Temporary Sector
Unprotect
8.5
12.5
V
V
OL
Output Low Voltage
IOL = 4.0 mA, VCCf = VCCs =
V
CC min
0.45
V
VOH1
Output High Voltage
I
OH = –2.0 mA, VCCf = VCCs =
VCC min
0.85 x
VCC
V
V
OH2
I
OH = –100 µA, VCC = VCC min
V
CC–0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com