Electronic Components Datasheet Search
  English  ▼

X  

DL161 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # DL161
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL161 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button DL161 Datasheet HTML 53Page - Advanced Micro Devices DL161 Datasheet HTML 54Page - Advanced Micro Devices DL161 Datasheet HTML 55Page - Advanced Micro Devices DL161 Datasheet HTML 56Page - Advanced Micro Devices DL161 Datasheet HTML 57Page - Advanced Micro Devices DL161 Datasheet HTML 58Page - Advanced Micro Devices DL161 Datasheet HTML 59Page - Advanced Micro Devices DL161 Datasheet HTML 60Page - Advanced Micro Devices DL161 Datasheet HTML 61Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
January 9, 2002
Am42DL16x4D
59
P R E L IMINARY
PHYSICAL DIMENSIONS
FLA069—69-Ball Fine-Pitch Grid Array 8 x 11 mm
8.00 BSC
1.40 (max)
0.20 (min)
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
0.80
7.20 BSC
0.80
7.20 BSC
(69x)
Pin A1
Corner Index Mark
11.00 BSC
0.08
0.15 M
B
M C
CA
0.40
DATUM A
DATUM B
B
A
0.08
0.97
1.07
C
0.20 C
0.15 C
(2x)
0.15 C
(2x)
C
0.40
0.25
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com