Electronic Components Datasheet Search
  English  ▼

X  

DL161 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # DL161
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL161 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button DL161 Datasheet HTML 51Page - Advanced Micro Devices DL161 Datasheet HTML 52Page - Advanced Micro Devices DL161 Datasheet HTML 53Page - Advanced Micro Devices DL161 Datasheet HTML 54Page - Advanced Micro Devices DL161 Datasheet HTML 55Page - Advanced Micro Devices DL161 Datasheet HTML 56Page - Advanced Micro Devices DL161 Datasheet HTML 57Page - Advanced Micro Devices DL161 Datasheet HTML 58Page - Advanced Micro Devices DL161 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
54
Am42DL16x4D
January 9, 2002
P R E L IMINARY
AC CHARACTERISTICS
SRAM Write Cycle
Notes:
1. WE# controlled.
2. t
CW is measured from CE1#s going low to the end of write.
3. t
WR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. t
AS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (tWP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The t
WP is measured from the beginning of write
to the end of write.
6. If CE1# goes low (or CE2 goes high) at the same time or after WE# goes low, the outputs will remain at high impedance.
7. If CE1# goes high (or CE2 goes low) at the same time or before WE# goes high, the outputs will remain at high impedance.
8. If OE# is high during the write cycle, the outputs will remain at high impedance.
9. Output data may be present on the bus at this time; input signals should not be applied.
Figure 30.
SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
Speed Options
Unit
70
85
tWC
Write Cycle Time
Min
70
85
ns
t
Cw
Chip Enable to End of Write
Min
60
70
ns
tAS
Address Setup Time
Min
0
ns
t
AW
Address Valid to End of Write
Min
60
70
ns
t
BW
UB#s, LB#s to End of Write
Min
60
70
ns
tWP
Write Pulse Time
Min
50
60
ns
t
WR
Write Recovery Time
Min
0
ns
tWHZ
Write to Output High-Z
Min
0
ns
Max
20
25
t
DW
Data to Write Time Overlap
Min
30
35
ns
tDH
Data Hold from Write Time
Min
0
ns
t
OW
End Write to Output Low-Z
Min
5
ns
Address
CS1#s
UB#s, LB#s
WE#
Data In
Data Out
tWC
tCW
(See Note 2)
tAW
High-Z
High-Z
Data Valid
CS2s
tCW
(See Note 2)
tBW
tWP
(See Note 5)
tAS
(See Note 4)
tWR (See Note 3)
tBW
tDW
tDH
tOW
(See Note 9)
(See Note 9)
(See Note 7)
(See Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com