Electronic Components Datasheet Search
  English  ▼

X  

SSM-760S15AMGS Datasheet(PDF) 11 Page - Inventronics Inc.

Part # SSM-760S15AMGS
Description  760W Programmable Dri ver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-760S15AMGS Datasheet(HTML) 11 Page - Inventronics Inc.

Back Button SSM-760S15AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 9Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 10Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 11Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 12Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 13Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 14Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 15Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
760W Programmable Driver with INV Digital Dimming
SSM-760SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Implementation 2
: Negative logic
Notes:
1. Do NOT connect Dim− to the output V− or V+, otherwise the driver will not work properly.
2. The dimmer can also be replaced by an active 0-10V voltage source signal or passive components like
zener.
3. When 0-10V negative logic dimming mode and Dim+ is open, the driver will dim to off and be standby.
 PWM Dimming
The recommended implementation of the dimming control is provided below.
Dim+
Dim-
Inventronics
LED Driver
V+
V-
Vac
Vaux
PWM
Signal
L1/L
L2/N
Implementation 3
: Positive logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com