Electronic Components Datasheet Search
  English  ▼

X  

SSM-760S15AMGS Datasheet(PDF) 3 Page - Inventronics Inc.

Part # SSM-760S15AMGS
Description  760W Programmable Dri ver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-760S15AMGS Datasheet(HTML) 3 Page - Inventronics Inc.

  SSM-760S15AMGS Datasheet HTML 1Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 2Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
760W Programmable Driver with INV Digital Dimming
SSM-760SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Output Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Output Current Ripple at
< 200 Hz (pk-pk)
-
-
2%Iomax
70%-100% load
Startup Overshoot Current
-
-
10%Iomax
100% load
No Load Output Voltage
SSM-760S15AMGS
-
-
60 V
Line Regulation
-
-
±
0.5%
100% load
Load Regulation
-
-
±
3.0%
Turn-on Delay Time
-
-
0.5 s
Measured at 277-480Vac input, 60%-
100% Load
Temperature Coefficient of Ioset
-
0.03%/
C
-
Case temperature = 0
C ~Tc max
12V Auxiliary Output Voltage
10.8 V
12 V
13.2 V
12V Auxiliary Output Source
Current
0 mA
-
250 mA
Return terminal is “Dim−“
12V Auxiliary Output Transient
Peak Current@ 6W
-
-
500 mA
500mA peak for a maximum duration of 2.2
ms in a 6.0ms period during which time the
average should not exceed 250mA.
12V Auxiliary Output Transient
Peak Current@ 10W
-
-
850 mA
850mA peak for a maximum duration of 1.3
ms in a 5.2ms period during which time the
average should not exceed 250mA.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
SSM-760S15AMGS
Io= 14000 mA
Io= 15800 mA
91.5%
91.5%
93.5%
93.5%
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 400 Vac input:
SSM-760S15AMGS
Io= 14000 mA
Io= 15800 mA
92.5%
92.5%
94.5%
94.5%
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 480 Vac input:
SSM-760S15AMGS
Io= 14000 mA
Io= 15800 mA
93.0%
93.0%
95.0%
95.0%
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Standby Power
-
1.5 W
-
Measured at 480Vac/50Hz; Dimming off
MTBF
-
224,000
Hours
-
Measured at 480Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
111,000
Hours
-
Measured at 480Vac input, 80%Load and
70
C case temperature; See lifetime vs.
Tc curve for the details
-
50,000
Hours
-
Measured at 277Vac input, 100%Load
and 40
C ambient temperature
Operating Case Temperature for
Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature for
Warranty Tc_w
-40°C
-
+80°C
Case temperature for 5 years warranty
Humidity: 10%RH to 95%RH
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 95%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com