Electronic Components Datasheet Search
  English  ▼

X  

SSM-760S15AMGS Datasheet(PDF) 4 Page - Inventronics Inc.

Part # SSM-760S15AMGS
Description  760W Programmable Dri ver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-760S15AMGS Datasheet(HTML) 4 Page - Inventronics Inc.

  SSM-760S15AMGS Datasheet HTML 1Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 2Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-760S15AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
760W Programmable Driver with INV Digital Dimming
SSM-760SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
15.35 × 4.25 × 1.91
390 × 108 × 48.5
With mounting ear
16.34 × 4.25 × 1.91
415 × 108 × 48.5
Net Weight
-
3380 g
-
Dimming Specifications
Parameter
Min.
Typ.
Max.
Notes
Absolute Maximum Voltage on
the Vdim (+) Pin
-20 V
-
20 V
Source Current on Vdim (+)Pin
90 uA
100 uA
110 uA
Vdim(+) = 0 V
Dimming
Output
Range with
10%-100%
(Default)
SSM-760S15AMGS
10%Ioset
-
Ioset
14000 mA ≤ Ioset ≤ 15800 mA
SSM-760S15AMGS
1400 mA
-
Ioset
1400 mA ≤ Ioset < 14000 mA
Dimming
Output
Range with
5%-100%
(Settable)
SSM-760S15AMGS
5%Ioset
-
Ioset
14000 mA ≤ Ioset ≤ 15800 mA
SSM-760S15AMGS
700 mA
-
Ioset
1400 mA ≤ Ioset < 14000 mA
Recommended Dimming Input
Range
0 V
-
10 V
Default 0-10V dimming mode.
Dim off Voltage
0.35 V
0.5 V
0.65 V
Dim on Voltage
0.55 V
0.7 V
0.85 V
Hysteresis
-
0.2 V
-
PWM_in High Level
3 V
-
10 V
Dimming mode set to PWM in Inventronics
Programing Software.
PWM_in Low Level
-0.3 V
-
0.6 V
PWM_in Frequency Range
200 Hz
-
3 KHz
PWM_in Duty Cycle
1%
-
99%
PWM Dimming off (Positive
Logic)
3%
5%
8%
PWM Dimming on (Positive
Logic)
5%
7%
10%
PWM Dimming off ( Negative
Logic)
92%
95%
97%
PWM Dimming on ( Negative
Logic)
90%
93%
95%
Hysteresis
-
2%
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com