Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP175
Description  Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP175 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP175 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
SDA
Serial data input. Open-drain output, requires a pull-up resistor.
2
SCL
Serial clock. Open-drain output, requires a pull-up resistor.
3
ALERT
Over-temperature alert. Open-drain output, requires a pull-up resistor.
4
GND
G
. round.
5
A2
Address select.
Connect to GND, V+, or floating (Floating is only available for TMP175
).
6
A1
7
A0
8
V+
Supply voltage, -1.4V ~ 5.5V.
1
SDA
2
3
4
SCL
ALERT
GND
8 V+
7
6
5
A0
A1
A2
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
MSOP & SOP Package
8-Pin Top View
Low-Power, LM75-Compatible Digital Temperature Sensor WithSMBus and I 2C Interface
TMP175
R
UMW R
Specifications
Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted). Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
MIN
MAX
UNIT
Supply Voltage, V+
6
V
SCL、SDA、A2、A1、A0 Pin Voltage
-0.5
6
V
ALERT Pin Voltage
-0.5
((V+)+0.3)
and ≤5.5
V
Operating Temperature
-55
128
°C
Junction Temperature
150
°C
Storage Temperature
-60
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com