Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP175
Description  Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP175 Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP175 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Figure 6. Internal Register Structure
registers to the power-up reset values, and aborts the current temperature conversion. If the second byte is other
value, the TMP175 will not respond.
High-Speed Mode
For the two-wire bus to operate at frequencies above 400kHz, the host device must issue a High-Speed mode
host code (0000 1xxxb) as the first byte after a START condition to switch the bus to high-speed operation. The
TMP175 device does not acknowledge this byte, but it does switch the input filters on the SDA and SCL and the
output filters on the SDA to operate in High-Speed mode, allowing the bus to transmit data at frequencies up to
2.75MHz. After the High-Speed mode host code is issued, the host transmits a two-wire device address to initiate a
data transfer operation. The bus continues to operate in High-Speed mode until a STOP condition occurs on
the bus. Upon receiving the STOP condition, the TMP175 switches the input and output filters back to fast-mode
operation.
Time-Out Function
The TMP175 resets the serial interface if SCL is held low for 30ms (typical value) between a START and
STOP condition, the TMP175 releases the SDA bus and waits for a START condition. To avoid activating the
Time-Out function, a communication speed of at least 1kHz must be maintained.
Register Descriptions
Pointer Register
Figure 6 shows the internal register structure of the TMP175 device. The 8-bit Pointer Register of the device is
www.umw-ic.com
12
UTD Semiconductor Co.,Limited
R
R
Low-Power, LM75-Compatible Digital Temperature Sensor WithSMBus and I 2C Interface
TMP175
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com