Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP175
Description  Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP175 Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP175 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. TMP175 Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
used to address a given data register. The Pointer Register uses the two LSBs (see Table 4) to identify which of the
data registers must respond to a read or write command. The power-up reset value of P1/P0 is '00'. By default, the
TMP175 reads the temperature on power-up.
Table 4 lists the pointer address of the registers available in the TMP175 device. During a write command,
bytes P2 through P7 must always be 0.
Table 4. Pointer Address
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
Table 5. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Temperature Register
The Temperature Register of the TMP175 device is configured as a 12-bit read-only register that stores the
output of the most recent conversion. Two bytes must be read to obtain data and are listed in Table 6. Byte 1 is
the most significant byte (MSB), followed by byte 2, the least significant byte (LSB). The T11~T0 bits are used
to indicate temperature. Byte 2 does not have to be read if that information is not needed. The power-on default
value of the temperature register is 0°C.
Table 6. Byte 1 and Byte 2 of Temperature Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
T11
T10
T9
T8
T7
T6
T5
T4
2
T3
T2
T1
T0
0
0
0
0
Temperature Limit Register
The temperature limits are stored in the THIGH and TLOW registers in the same format as the temperature result.
Table 7 and Table 8 list the format for the THIGH and TLOW registers. The power-up reset values for THIGH and TLOW are:
THIGH = +80℃;TLOW = +75℃
www.umw-ic.com
13
UTD Semiconductor Co.,Limited
R
R
Low-Power, LM75-Compatible Digital Temperature Sensor WithSMBus and I 2C Interface
TMP175
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com