Electronic Components Datasheet Search
  English  ▼

X  

TMP36 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP36
Description  Scale factor: 10 mV/°C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP36 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP36 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4
Pin Configuration and Functions
Table 1. Device Pin Configuration and Functions
NAME
PIN
DESCRIPTION
SOT-23
TO92
SOIC
Vout
1
2
1
Analog voltage output
+Vs
2
1
8
Device supply pin
/SHUTDOWN
4
/
5
Device enable pin
GND
5
3
4
Ground
+Vs
GND
SHUTDOWN
TMP36
VOUT
Figure 4. Pin Functions
TMP36
UMW
R
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com