Electronic Components Datasheet Search
  English  ▼

X  

TMP36 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP36
Description  Scale factor: 10 mV/°C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP36 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP36 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
•
Scale factor: 10 mV/°C
•
Operation range: -40°C ~ +125°C,up to +150°C
•
Temperature accuracy: ±2°C (typical)
•
Temperature linearity: ±0.5°C (typical)
•
Package: 5-Pin SOT-23 (1.60 mm × 3.00 mm)
8-Pin VSSOP (3.90 mm × 4.90 mm)
•
Supply range: 2.7V ~ 5.5V
•
Low
quiescent current:
-
Normal operation: less than 50
μA
-
Shutdown mode: less than 0.5
μA
•
Stable with large capacitive loads
•
Digital output: analog
2
Applications
•
Power system monitors
•
Temperature control
3
Description
The
TMP36
is
a
low
voltage,
precision
centigrade temperature sensors, which provides an
analog voltage output that is linearly proportional
to
the
Celsius (Centigrade) temperature. Every
GX36 chip is factory calibrated, so no external
calibration is required, and the typical accuracy is
±1°C at +25°C and ±2°C over the −40°C to +125°C
temperature range.
The low output impedance of the TMP36 and
its linear output and precise calibration simplify inter-
facing to temperature control circuitry and ADC. The
sensing devices can be powered from a single-supply
of 2.7 V to 5.5 V. The supply current is less than 50µA,
providing very low self-heating effect, less than 0.1°C in
still air. In addition, a shutdown function is provided
to reduce supply current to less than 0.5 μA.
The
TMP36
is
specified
from
−40°C
to
+125°C, provides a 750 mV output at 25°C, and
operates up to 125°C from a single 2.7 V supply.
The output scale factor of the TMP36 is 10 mV/°C.
The TMP36 is available in low-cost 5-lead SOT-
23 surface-mount,
3-lead
TO-92
and
8-lead
SOIC packages.
1
2
o
Figure1. SOT-23-5
Top view
5
3
4
SHUTDOWN
VOUT
+VS
NC
GND
Figure2.SOT-23-3
TMP36
1
2
o
Figure3.TO92
Top view
8
4
5
3
7
6
+Vs
NC
NC
NC
NC
SHUTDOWN
GND
VOUT
Top
View
+VS
GND
Vout
1
2
3
Figure4. SOIC
TMP36
UMW
R
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - TMP36

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP36 AD-TMP36 Datasheet
476Kb / 16P
Low Voltage Temperature Sensors
10/02-Data Sheet changed from REV. B to REV. C.
TMP36FS AD-TMP36FS Datasheet
476Kb / 16P
Low Voltage Temperature Sensors
10/02-Data Sheet changed from REV. B to REV. C.
TMP36FS AD-TMP36FS Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
TMP36FS-REEL AD-TMP36FS-REEL Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
TMP36FSZ AD-TMP36FSZ Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
More results

Similar Description - TMP36

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Amphenol Corporation
NPC-1220 AMPHENOL-NPC-1220 Datasheet
77Kb / 4P
50 mV full scale output (FSO)
logo
Schneider Electric
XMLB010A2S12EX SCHNEIDER-XMLB010A2S12EX Datasheet
138Kb / 5P
pressure switch XMLB - 10 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com