Electronic Components Datasheet Search
  English  ▼

X  

TMP36 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP36
Description  Scale factor: 10 mV/°C
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP36 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP36 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP36 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5
Specifications
5.1
Absolute Maximum Ratings
Unless otherwise stated, over operating free-air temperature range. Stress above these ratings may cause
permanent damage to the device.
5.2
ESD Ratings
5.3
Recommended Operating Conditions
Unless otherwise stated, over operating free-air temperature range.
MIN
MAX
UNIT
Power supply, +Vs
6
V
/SHUTDOWN pin
GND
+Vs
V
ALERT pin voltage
-0.5
(
+Vs +0.3)
and ≤5.5
and ≤4
V
Operating range
-40
150
°C
Junction temperature
160
°C
Storage temperature
-60
160
°C
Value
UNIT
Electrostatic
discharge, VESD
Human Body Mode (HBM), per ANSI/ESDA/JEDEC JS-001
±2000
V
Machine Mode (MM), per JEDEC-STD Classification
200
V
MIN
NOM
MAX
UNIT
Supply voltage
V+
2.7
3.3
5.5
V
Operating temperature range
TA
- 40
125
°C
TMP36
UMW
R
www.umw-ic.com
3
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com