Electronic Components Datasheet Search
  English  ▼

X  

M500000009 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # M500000009
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M500000009 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button M500000009 Datasheet HTML 14Page - Advanced Micro Devices M500000009 Datasheet HTML 15Page - Advanced Micro Devices M500000009 Datasheet HTML 16Page - Advanced Micro Devices M500000009 Datasheet HTML 17Page - Advanced Micro Devices M500000009 Datasheet HTML 18Page - Advanced Micro Devices M500000009 Datasheet HTML 19Page - Advanced Micro Devices M500000009 Datasheet HTML 20Page - Advanced Micro Devices M500000009 Datasheet HTML 21Page - Advanced Micro Devices M500000009 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
November 7, 2002
Am50DL128CG
17
P R E L I M I NARY
Note: The address range is A21:A0.
Table 3.
Bank Address
Table 4.
SecSi
 Sector Addresses
Bank 4
SA119
1110000xxx
64/32
380000h–387FFFh
SA120
1110001xxx
64/32
388000h–38FFFFh
SA121
1110010xxx
64/32
390000h–397FFFh
SA122
1110011xxx
64/32
398000h–39FFFFh
SA123
1110100xxx
64/32
3A0000h–3A7FFFh
SA124
1110101xxx
64/32
3A8000h–3AFFFFh
SA125
1110110xxx
64/32
3B0000h–3B7FFFh
SA126
1110111xxx
64/32
3B8000h–3BFFFFh
SA127
1111000xxx
64/32
3C0000h–3C7FFFh
SA128
1111001xxx
64/32
3C8000h–3CFFFFh
SA129
1111010xxx
64/32
3D0000h–3D7FFFh
SA130
1111011xxx
64/32
3D8000h–3DFFFFh
SA131
1111100xxx
64/32
3E0000h–3E7FFFh
SA132
1111101xxx
64/32
3E8000h–3EFFFFh
SA133
1111110xxx
64/32
3F0000h–3F7FFFh
SA134
1111111000
8/4
3F8000h–3F8FFFh
SA135
1111111001
8/4
3F9000h–3F9FFFh
SA136
1111111010
8/4
3FA000h–3FAFFFh
SA137
1111111011
8/4
3FB000h–3FBFFFh
SA138
1111111100
8/4
3FC000h–3FCFFFh
SA139
1111111101
8/4
3FD000h–3FDFFFh
SA140
1111111110
8/4
3FE000h–3FEFFFh
SA141
1111111111
8/4
3FF000h–3FFFFFh
Bank
A21–A19
1
000
2
001, 010, 011
3
100, 101, 110
4
111
Device
Sector Size
(x8)
Address Range
(x16)
Address Range
Am29DL640G
256 bytes
000000h–0000FFh
00000h–0007Fh
Table 2.
Am29DL640G Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com