Electronic Components Datasheet Search
  English  ▼

X  

MB2823 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MB2823
Description  Dual 9-bit D-type flip-flop with reset and enable 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2823 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MB2823 Datasheet HTML 2Page - NXP Semiconductors MB2823 Datasheet HTML 3Page - NXP Semiconductors MB2823 Datasheet HTML 4Page - NXP Semiconductors MB2823 Datasheet HTML 5Page - NXP Semiconductors MB2823 Datasheet HTML 6Page - NXP Semiconductors MB2823 Datasheet HTML 7Page - NXP Semiconductors MB2823 Datasheet HTML 8Page - NXP Semiconductors MB2823 Datasheet HTML 9Page - NXP Semiconductors MB2823 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2823
Dual 9-bit D-type flip-flop with
reset and enable (3-State)
August 24, 1993
10
Adjustment of tTLH for
Load Capacitance and # of Outputs Switching
nOE to nQx
tPLZ vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
nOE to nQx
°C
MAX
4.5VCC
5.5VCC
MIN
1
2
3
4
5
6
7
8
–40
–15
10
35
60
85
–2
–1
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
180
200
Adjustment of tPLZ for
Load Capacitance and # of Outputs Switching
nOE to nQx
pF
18 switching
9 switching
1 switching
0
1
2
3
4
–40
–15
10
35
60
85
–2
–1
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
180
200
tTLH vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
18 switching
9 switching
1 switching
0
1
2
3
4
–40
–15
10
35
60
85
–2
–1
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
200
tTHL vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
Adjustment of tTHL for
Load Capacitance and # of Outputs Switching
pF
18 switching
9 switching
1 switching
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com