Electronic Components Datasheet Search
  English  ▼

X  

MB2823 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2823
Description  Dual 9-bit D-type flip-flop with reset and enable 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2823 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2823 Datasheet HTML 1Page - NXP Semiconductors MB2823 Datasheet HTML 2Page - NXP Semiconductors MB2823 Datasheet HTML 3Page - NXP Semiconductors MB2823 Datasheet HTML 4Page - NXP Semiconductors MB2823 Datasheet HTML 5Page - NXP Semiconductors MB2823 Datasheet HTML 6Page - NXP Semiconductors MB2823 Datasheet HTML 7Page - NXP Semiconductors MB2823 Datasheet HTML 8Page - NXP Semiconductors MB2823 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2823
Dual 9-bit D-type flip-flop with
reset and enable (3-State)
2
August 24, 1993
853–1705 10616
FEATURES
• Two sets of high speed parallel registers
with positive edge-triggered D-type
flip-flops
• Ideal where high speed, light loading, or
increased fan–in are required with MOS
microprocessors
• Live insertation/extraction permitted
• Power-up 3-State
• Power-up Reset
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL
STD 883 Method 3015 and 200 V per
Machine Model
DESCRIPTION
The MB2823 dual bus interface register is
designed to eliminate the extra packages
required to buffer existing registers and
provide extra data width for wider
data/address paths of buses carrying parity.
The MB2823 has two 9-bit wide buffered
registers with Clock Enable (nCE) and
Master Reset (nMR) which are ideal for parity
bus interfacing in high microprogrammed
systems.
The registers are fully edge-triggered. The
state of each D input, one set–up time before
the Low-to-High clock transition is transferred
to the corresponding flip–flop’s Q output.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
4.6
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-state
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-Pin Plastic Quad Flat Pack
–40
°C to +85°C
MB2823BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
19
22
20
23
17
16
25
26
24
15
14
21
18
1Q7
2Q1
1Q8
2Q2
GND
1Q5
2Q4
2Q5
2Q3
1Q4
2Q0
1Q6
1Q3
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1D8
2D2
2D0
GND
1D6
1D5
2D4
2D5
2D3
1D4
2D1
1D7
1D3
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2823
52-Pin
Quad Flat Pack
1D0 1D1 1D2 1D3 1D4 1D5 1D6 1D7 1D8
46
45
1CP
1CE
47
48
1MR
1OE
44
42
41
39
38
37
36
35
34
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8
49
50
51
1
2
3
5
6
7
2D0 2D1 2D2 2D3 2D4 2D5 2D6 2D7 2D8
21
22
2CP
2CE
20
19
2MR
2OE
33
32
31
29
28
27
25
24
23
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7 2Q8
8
9
10
11
12
13
15
16
18


Similar Part No. - MB2823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2821BB PHILIPS-MB2821BB Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
MB2827BB PHILIPS-MB2827BB Datasheet
94Kb / 8P
Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
More results

Similar Description - MB2823

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com