Electronic Components Datasheet Search
  English  ▼

X  

HA5351IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA5351IB
Description  64ns Sample and Hold Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IB Datasheet(HTML) 5 Page - Intersil Corporation

  HA5351IB Datasheet HTML 1Page - Intersil Corporation HA5351IB Datasheet HTML 2Page - Intersil Corporation HA5351IB Datasheet HTML 3Page - Intersil Corporation HA5351IB Datasheet HTML 4Page - Intersil Corporation HA5351IB Datasheet HTML 5Page - Intersil Corporation HA5351IB Datasheet HTML 6Page - Intersil Corporation HA5351IB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN3690.10
April 12, 2007
FIGURE 7. DROOP RATE vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. RISE TIME vs TEMPERATURE
FIGURE 10. HOLD MODE SETTLING vs TEMPERATURE
FIGURE 11. PEDESTAL vs S/H CONTROL RISE TIME
FIGURE 12. ACQUISITION TIME (0.01%, 0V TO 2V STEP)
Typical Performance Curves (Continued)
-50
0
50
100
0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°C)
3 TYPICAL UNITS
-50
0
50
100
80
90
100
110
120
130
140
150
160
TEMPERATURE (°C)
UNIT #2
UNIT #3
UNIT #1
3 TYPICAL UNITS
-SLEW RATE
+SLEW RATE
-50
0
50
100
4
5
6
7
8
9
TEMPERATURE (°C)
4 TYPICAL UNITS
-50
0
50
100
30
35
40
45
50
55
60
65
TEMPERATURE (°C)
4 TYPICAL UNITS
0
10
20304050
-2
-1
0
1
2
3
S/H CONTROL RISE TIME (ns)
0V TO 4V S/H CTRL
0.01
0.00
-0.01
3.0E-7
0
5
10
TIME (ns)
67.25ns
OUTPUT
S/H
CONTROL
HA5351



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com