Electronic Components Datasheet Search
  English  ▼

X  

HA5351IB Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5351IB
Description  64ns Sample and Hold Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IB Datasheet(HTML) 1 Page - Intersil Corporation

  HA5351IB Datasheet HTML 1Page - Intersil Corporation HA5351IB Datasheet HTML 2Page - Intersil Corporation HA5351IB Datasheet HTML 3Page - Intersil Corporation HA5351IB Datasheet HTML 4Page - Intersil Corporation HA5351IB Datasheet HTML 5Page - Intersil Corporation HA5351IB Datasheet HTML 6Page - Intersil Corporation HA5351IB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN3690.10
HA5351
64ns Sample and Hold Amplifier
The HA5351 is a fast acquisition, wide bandwidth sample
and hold amplifier, built with the Intersil HBC-10 BiCMOS
process. This sample and hold amplifier offers a combination
of desirable features; fast acquisition time (70ns to 0.01%
maximum), excellent DC precision and extremely low power
dissipation, making it ideal for use in systems that sample
multiple signals and require low power.
The HA5351 is in an open loop configuration with fully
differential inputs providing flexibility for user defined
feedback. In unity gain the HA5351 is completely self-contained
and requires no external components. The on-chip 15pF
hold capacitor is completely isolated to minimizing droop
rate and reducing sensitivity to pedestal error. The HA5351
is available in 8 lead SOIC package for minimizing board
space and ease of layout.
Functional Diagram
Features
• Fast Acquisition to 0.01%. . . . . . . . . . . . . . . . . 70ns (Max)
• Low Offset Error . . . . . . . . . . . . . . . . . . . . . . .
±2mV (Max)
• Low Pedestal Error. . . . . . . . . . . . . . . . . . . .
±10mV (Max)
• Low Droop Rate . . . . . . . . . . . . . . . . . . . . . . 2
μV/μs (Max)
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . . 40MHz
• Low Power Dissipation . . . . . . . . . . . . . . . .220mW (Max)
• Total Harmonic Distortion (Hold Mode) . . . . . . . . . -72dBc
-(VIN = 5VP-P at 1MHz)
• Fully Differential Inputs
• On Chip Hold Capacitor
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Synchronous Sampling
• Wide Bandwidth A/D Conversion
• Deglitching
• Peak Detection
• High Speed DC Restore
Pinout
HA5351
(8 LD SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA5351IB
5351 I
-40 to +85
8 Ld SOIC
M8.15
HA5351IBZ
(Note)
5351 IBZ
-40 to +85
8 Ld SOIC
(Pb-free)
M8.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
HA5351
GM
BUFFER
AV
+
8
1
5
-IN
+IN
S/H
OUT
15pF
4
63
V+
V-
7
GND
-
-
+
+IN
NC
V-
OUT
1
2
3
4
8
7
6
5
-IN
GND
V+
S/H
CTRL
Data Sheet
April 12, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA5351IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5351IB INTERSIL-HA5351IB Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351IBZ RENESAS-HA5351IBZ Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results

Similar Description - HA5351IB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
277Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV.D
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Analog Devices
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com