Electronic Components Datasheet Search
  English  ▼

X  

HA5351IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA5351IB
Description  64ns Sample and Hold Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IB Datasheet(HTML) 2 Page - Intersil Corporation

  HA5351IB Datasheet HTML 1Page - Intersil Corporation HA5351IB Datasheet HTML 2Page - Intersil Corporation HA5351IB Datasheet HTML 3Page - Intersil Corporation HA5351IB Datasheet HTML 4Page - Intersil Corporation HA5351IB Datasheet HTML 5Page - Intersil Corporation HA5351IB Datasheet HTML 6Page - Intersil Corporation HA5351IB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FN3690.10
April 12, 2007
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . +11V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Voltage Between Sample and Hold Control and Ground. . . . . +5.5V
Output Current, Continuous . . . . . . . . . . . . . . . . . . . . . . . . . .
±37mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Test Conditions: VSUPPLY = ±5V; CH = Internal = 15pF, Digital Input: VIL = 0V (Sample), VIH = 4.0V (Hold).
Non-Inverting Unity Gain Configuration (Output Tied to -Input), CL = 5pF,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Voltage Range
Full
-2.5
-
+2.5
V
Input Resistance (Note 2)
25
100
500
-
k
Ω
Input Capacitance
25
-
-
5
pF
Input Offset Voltage
25
-2
-
2
mV
Full
-3.0
-
3.0
mV
Offset Voltage Temperature Coefficient
Full
-
15
-
μV/°C
Bias Current
Full
-
2.5
5
μA
Offset Current
Full
-1.5
-
+1.5
μA
Common Mode Range
Full
-2.5
-
+2.5
V
Common Mode Rejection Ratio
±2.5V, Note 3
Full
60
80
-
dB
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
VOUT = ±2.5V
25
95
108
-
dB
Full
85
-
-
dB
Unity Gain -3dB Bandwidth
25
-
40
-
MHz
TRANSIENT RESPONSE
Rise Time
200mV Step
25
-
8.5
-
ns
Overshoot
200mV Step
25
0
-
30
%
Slew Rate
5V Step
Full
88
105
-
V/
μs
DIGITAL INPUT CHARACTERISTICS
Input Voltage
VIH
25, 85
2.1
-
5.0
V
-40
2.4
-
5.0
V
VIL
Full
0
-
0.8
V
Input Current
VIL = 0V
Full
-1.0
-
1.0
μA
VIH = 5V
Full
-1.0
-
1.0
μA
OUTPUT CHARACTERISTICS
Output Voltage
RL = 510Ω
Full
-3.0
-
+3.0
V
Output Current
RL = 100Ω
25, 85
20
25
-
mA
-40
15
-
-
mA
Full Power Bandwidth
5VP-P, AV = +1, -3dB
Full
-
13
-
MHz
Output Resistance
Hold Mode
25
-
0.02
-
Ω
Total Output Noise
(DC to 10MHz)
Sample Mode
25
-
325
-
μVRMS
Hold Mode
25
-
325
-
μVRMS
HA5351



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com