Electronic Components Datasheet Search
  English  ▼

X  

USB3250 Datasheet(PDF) 47 Page - SMSC Corporation

Part # USB3250
Description  USB2.0 PHY IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3250 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button USB3250 Datasheet HTML 40Page - SMSC Corporation USB3250 Datasheet HTML 41Page - SMSC Corporation USB3250 Datasheet HTML 42Page - SMSC Corporation USB3250 Datasheet HTML 43Page - SMSC Corporation USB3250 Datasheet HTML 44Page - SMSC Corporation USB3250 Datasheet HTML 45Page - SMSC Corporation USB3250 Datasheet HTML 46Page - SMSC Corporation USB3250 Datasheet HTML 47Page - SMSC Corporation USB3250 Datasheet HTML 48Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Chapter 9 Package Outlines
The PHY is offered in four package types: GT3200-JD (10x10x1.4mm TQFP), GT3200-JN (7x7x1.4mm TQFP), GT3200-JV (7x7x1.4mm TQFP lead
free), USB3250-ABZJ (8x8x0.85mm QFN lead free)
Figure 9.1 GT3200 TQFP Package Outline and Parameters
-
SEE SPEC FRONT PAGE FOR REVISION HISTORY
--
STD COMPLIANCE
INTERPRET DIM AND TOL PER
ASME Y14.5M - 1994
DWG NUMBER
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
MATERIAL
FINISH
APPROVED
CHECKED
DRAWN
SCALE
SHEET
REV
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
ANGULAR
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
DECIMAL
X.X
X.XX
X.XXX
THIRD ANGLE PROJECTION
NAME
DATE
TITLE
REVISION
DATE
DESCRIPTION
REVISION HISTORY
RELEASED BY
JEDEC: MS-026 (D)
PACKAGE OUTLINE
1:1
-
-
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
12/17/04
12/17/04
12/17/04
64 PIN TQFP-10x10x1.4mm BODY-0.5mm PITCH
MO-64-TQFP-10x10x1.4
1 OF 1
D
±1°
±0.1
±0.05
±0.025
E
b
D1
D
E1
e
E1/4
D1/4
TOP VIEW
SIDE VIEW
DETAIL "A" (SCALE: 2/1)
3-D VIEW
3
3
2
5
A1
A2
A
c
C
ccc C
SEE DETAIL "A"
L
L1
SEATING PLANE
0.25
0°-7°
GAUGE PLANE
4
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. TRUE POSITION SPREAD TOLERANCE OF EACH LEAD IS ± 0.04mm MAXIMUM.
3. DIMENSIONS "D1" AND "E1" DO NOT INCLUDE MOLD PROTRUSIONS. MAXIMUM ALLOWED
PROTRUSION IS 0.25 mm PER SIDE.
4. DIMENSION "L" IS MEASURED AT THE GAUGE PLANE, 0.25mm ABOVE THE SEATING PLANE.
5. DETAILS ON PIN 1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED WITHIN THE ZONE
INDICATED.
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com