Electronic Components Datasheet Search
  English  ▼

X  

COM20051 Datasheet(PDF) 1 Page - SMSC Corporation

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051 Datasheet(HTML) 1 Page - SMSC Corporation

  COM20051 Datasheet HTML 1Page - SMSC Corporation COM20051 Datasheet HTML 2Page - SMSC Corporation COM20051 Datasheet HTML 3Page - SMSC Corporation COM20051 Datasheet HTML 4Page - SMSC Corporation COM20051 Datasheet HTML 5Page - SMSC Corporation COM20051 Datasheet HTML 6Page - SMSC Corporation COM20051 Datasheet HTML 7Page - SMSC Corporation COM20051 Datasheet HTML 8Page - SMSC Corporation COM20051 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
COM20051
Integrated Microcontroller and
ARCNET (ANSI 878.1) Interface
FEATURES
•
High Performance/Low Cost
•
Microcontroller Based on Popular 8051
Architecture
•
Intel 8051 Instruction Set Compatible
•
Drop-In Replacement for 80C32 PLCC
•
Network Supports up to 255 Nodes
•
Powerful Network Diagnostics
•
Maximum 507 Byte Packets
•
Duplicate Node ID Detection
•
Self-Configuring Network Protocol
•
Retains all 8051 Peripherals Including Serial
I/O and Two Timers
•
Utilizes ARCNET Token Bus Network
Engine
•
Requires No Special Emulators
•
5 Mbps to 156 Kbps Network Data Rate
•
Network Interface Supports RS-485, Twisted
Pair, Coaxial, and Fiber Optic Interfaces
•
Receive All Mode Allows Any Packet to Be
Received
GENERAL DESCRIPTION
The COM20051 is a low-cost, highly-integrated
microcontroller incorporating a high-performance
network controller based on the ARCNET Token
Bus Standard (ANSI 878.1). The COM20051 is
based
around
the
popular
Intel
8051
architecture. The device is implemented using a
microcontroller core compatible with the Intel
80C32
ROMless
version
of
the
8051
architecture.
The COM20051 is ideal for
distributed control networking applications such
as those found in industrial/machine controls,
building/factory automation, consumer products,
instrumentation and automobiles.
The COM20051 contains many features that are
beneficial for embedded control applications.
The microcontroller is a fully-functional 16MHz
80C32 that is comparable to the Intel 80C32 with
2 timers.
In contrast
to other embedded
controller/networking solutions, the COM20051
adds a fully-featured, robust, powerful, and
simple network interface while retaining all of the
basic 8051 peripherals, such as the serial port
and counter/timers.
In
addition,
the
COM20051
supports
an
Emulation Mode that permits the use of a
standard 80C32 emulator in conjunction with the
COM20051 to develop software drivers for the
network core.
ARCNET core is mapped to
a
256-byte page of the External Data Memory
Space
of
the
80C32.
This


Similar Part No. - COM20051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051+ SMSC-COM20051+ Datasheet
348Kb / 92P
Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051ILJP SMSC-COM20051ILJP Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
More results

Similar Description - COM20051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com