Electronic Components Datasheet Search
  English  ▼

X  

COM20022I-HT Datasheet(PDF) 5 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 5 Page - SMSC Corporation

  COM20022I-HT Datasheet HTML 1Page - SMSC Corporation COM20022I-HT Datasheet HTML 2Page - SMSC Corporation COM20022I-HT Datasheet HTML 3Page - SMSC Corporation COM20022I-HT Datasheet HTML 4Page - SMSC Corporation COM20022I-HT Datasheet HTML 5Page - SMSC Corporation COM20022I-HT Datasheet HTML 6Page - SMSC Corporation COM20022I-HT Datasheet HTML 7Page - SMSC Corporation COM20022I-HT Datasheet HTML 8Page - SMSC Corporation COM20022I-HT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 5
Revision 02-27-06
DATASHEET
Figure 10.1 - Effect of the EF Bit on the TA/RI Bit........................................................................................................81
List of Tables
Table 5.1 - Typical Media .............................................................................................................................................29
Table 6.1 - Read Register Summary............................................................................................................................31
Table 6.2 - Write Register Summary ............................................................................................................................32
Table 6.3 - Status Register ...........................................................................................................................................37
Table 6.4 - Diagnostic Status Register..........................................................................................................................38
Table 6.5 - Command Register .....................................................................................................................................39
Table 6.6 - Address Pointer High Register ....................................................................................................................40
Table 6.7 - Address Pointer Low Register.....................................................................................................................41
Table 6.8 - Sub Address Register .................................................................................................................................41
Table 6.9 - Configuration Register ................................................................................................................................42
Table 6.10 - Setup 1 Register .......................................................................................................................................43
Table 6.11 - Setup 2 Register .......................................................................................................................................44
Table 6.12 - Bus Control Register.................................................................................................................................45
Table 6.13 - DMA Count Register .................................................................................................................................46
Table 8.1 - DMA Timing................................................................................................................................................76
Table 9.1 - COM20022I 48 Pin TQFP Package Parameters........................................................................................78
For more details on the ARCNET protocol engine and traditional dipulse signaling schemes,
please refer to the ARCNET Local Area Network Standard, or the ARCNET Designer's
Handbook, available from Datapoint Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com