Electronic Components Datasheet Search
  English  ▼

X  

COM20022I-HT Datasheet(PDF) 9 Page - SMSC Corporation

Part # COM20022I-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I-HT Datasheet(HTML) 9 Page - SMSC Corporation

Back Button COM20022I-HT Datasheet HTML 5Page - SMSC Corporation COM20022I-HT Datasheet HTML 6Page - SMSC Corporation COM20022I-HT Datasheet HTML 7Page - SMSC Corporation COM20022I-HT Datasheet HTML 8Page - SMSC Corporation COM20022I-HT Datasheet HTML 9Page - SMSC Corporation COM20022I-HT Datasheet HTML 10Page - SMSC Corporation COM20022I-HT Datasheet HTML 11Page - SMSC Corporation COM20022I-HT Datasheet HTML 12Page - SMSC Corporation COM20022I-HT Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 9
Revision 02-27-06
DATASHEET
PIN NO
NAME
SYMBOL
I/O
DESCRIPTION
TRANSMISSION MEDIA INTERFACE
24
25
nPulse 1
nPulse 2
nPULSE1
nPULSE2
OUT
I/O
In Normal Mode, these active low signals carry the transmit
data information, encoded in pulse format as DIPULSE
waveform. In Backplane Mode, the nPULSE1 signal driver
is programmable (push/pull or open-drain), while the
nPULSE2 signal provides a clock with frequency of doubled
data rate. nPULSE1 is connected to a weak internal pull-up
resistor on the open/drain driver in backplane mode.
28
Receive In
RXIN
IN
This signal carries the receive data information from the line
transceiver.
29
nTransmit
Enable
nTXEN
OUT
Transmission Enable signal. Active polarity is
programmable through the nPULSE2 pin.
nPULSE2 floating before power-up;
nTXEN active low
nPULSE2 grounded before power-up;
nTXEN active high (this option is only available in Back
Plane mode)
21
22
Crystal
Oscillator
XTAL1
XTAL2
IN
OUT
An external crystal should be connected to these pins.
Oscillation frequency range is from 10 MHz to 20 MHz. If
an external TTL clock is used instead, it must be connected
to XTAL1 with a 390ohm pull-up resistor, and XTAL2 should
be left floating.
8,20,
32,43
Power
Supply
VDD
PWR
+5 Volt power supply pins.
6,11,
18,23,
30,41
Ground
VSS
PWR
Ground pins.
19,27
N/C
N/C
Non-connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com