Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBK Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBK
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBK Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBK Datasheet HTML 52Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 53Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 54Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 55Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 56Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 57Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 58Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 59Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
54
Am29BDD160G
June 7, 2006
DC CHARACTERISTICS
CMOS Compatible
Notes:
1.
The I
CC current listed includes both the DC operating current and the frequency dependent component.
2.
I
CC active while Embedded Erase or Embedded Program is in progress.
3.
Not 100% tested.
4.
Maximum I
CC specifications are tested with VCC = VCCmax.
5.
Current maximum has been increased significantly from datasheet Revision B+4, Dated April 8, 2003.
Parameter
Description
Test Conditions
MinTyp
Max
Unit
I
LI
Input Load Current
V
IN = VSS to VIO, VIO = VIO max
±1.0
µA
I
LIWP
Input Load Current, WP#
V
IN = VSS to VIO, VIO = VIO max
–25
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC, VCC = VCC max
±1.0
µA
ICCB
V
CC Active Burst Read Current
(Note 1)
CE# = V
IL,
OE# = V
IL
56 MHz
8 Double-Word
70
90mA
66 MHz
ICC1
V
CC Active Asynchronous Read Current
(Note 1)
CE# = VIL,OE# = VIL
1 MHz
4
mA
ICC3
VCC Active Program Current (Notes 2, 4) CE# = VIL,OE# = VIH, ACC = VIH
40
50
mA
I
CC4
V
CC Active Erase Current (Notes 2, 4)
CE# = V
IL,OE# = VIH, ACC = VIH
20
50
mA
ICC5 (Note 5) VCC Standby Current (CMOS)VCC= VCC max, CE# = VCC ± 0.3 V60
µA
I
CC6
V
CC Active Current (Read While Write)
CE# = V
IL,OE# = VIL
30
90mA
ICC7 (Note 5) VCC Reset Current
RESET# = VIL
60
µA
I
CC8 (Note 5)
Automatic Sleep Mode Current
V
IH = VCC ± 0.3 V, VIL = VSS ± 0.3 V60
µA
IACC
VACC Acceleration Current
ACC = VHH
20
mA
V
IL
Input Low Voltage
–0.50.3 x V
IO
V
VIH
Input High Voltage
0.7 x VIO
3.6V
V
ILCLK
CLK Input Low Voltage
–0.20.3 x V
IO
V
VIHCLK
CLK Input High Voltage
0.7 x VCC
2.75
V
V
ID
Voltage for Autoselect
V
CC = 2.5 V
11.512.5V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
I
OLRB
RY/BY#, Output Low Current
V
OL = 0.4 V
8
mA
VHH
Accelerated (ACC pin) High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 x VCC
V
V
OH
Output High Voltage
I
OH = –100 µA, VCC = VCC min
V
IO –0.1V
VLKO
Low VCC Lock-Out Voltage (Note 3)1.62.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com