Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBK Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBK
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBK Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBK Datasheet HTML 62Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 63Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 64Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 65Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 66Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 67Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 68Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 69Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
64
Am29BDD160G
June 7, 2006
AC CHARACTERISTICS
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the section for more information.
Parameter
All Speed Options
JEDEC
Std.
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min60
ns
tAVWL
tAS
Address Setup Time
Min0
ns
tWLAX
tAH
Address Hold Time
Min25
ns
tDVWH
tDS
Data Setup to WE# Rising Edge
Min15
ns
tWHDX
tDH
Data Hold from WE# Rising Edge
Min2
ns
tOES
Output Enable Setup Time
Min0
ns
t
GHWL
t
GHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min0
ns
t
ELWL
t
CS
CE# Setup Time
Min0
ns
t
WHEH
t
CH
CE# Hold Time
Min0
ns
CE# Setup to CLK
Min7
t
WLWH
t
WP
WE# Width
Min25
ns
t
WHWL
t
WPH
Write Pulse Width High
Min
30ns
t
WHWH1
t
WHWH1
Programming Operation (Note 2)
Typ
9µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec.
t
VCS
V
CC Setup Time (Note 1)
Min50
µs
t
RB
Recovery Time from RY/BY#
Min0
ns
t
BUSY
RY/BY# Delay After WE# Rising Edge
Max
90ns
t
WPWS
WP# Setup to WE# Rising Edge with
Command
Min20
ns
t
WPRH
WP# Hold after RY/BY# Rising Edge
Max2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com