Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBK Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBK
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBK Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBK Datasheet HTML 59Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 60Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 61Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 62Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 63Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 64Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 65Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 66Page - Advanced Micro Devices AM29BDD160GT2DPBK Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
June 7, 2006
Am29BDD160G
61
AC CHARACTERISTICS
Figure 17.
Asynchronous Command Write Timing
Note: All commands have the same number of cycles in both asynchronous and synchronous modes, including the
READ/RESET command. Only a single array access occurs after the F0h command is entered. All subsequent accesses are
burst mode when the burst mode option is enabled in the Configuration Register.
Figure 18.
Synchronous Command Write/Read Timing
Note: All commands have the same number of cycles in both asynchronous and synchronous modes, including the
READ/RESET command. Only a single array access occurs after the F0h command is entered. All subsequent accesses are
burst mode when the burst mode option is enabled in the Configuration Register.
ADV#
CE#
Valid Data
A18-A0
DQ31-DQ0
WE#
OE#
IND/WAIT#
CLK
Stable Address
tCS
tCH
tAS
tAH
tOEH
tDS
tDH
tWPH
tWC
tAS
CLK
ADV#
Data In
A18-A0,
WORD#
DQ31-DQ0
OE#
Data Out
Valid Address
WE#
IND/WAIT#
CE#
Valid Address
tDS
tWP
tCES
tADVP
tADVCS
tWCKS
tOE
tACS
tACH
tACS
tDF
tEHQZ
tDH
tWADVH
tADVCH
10 ns
tACH
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com