Electronic Components Datasheet Search
  English  ▼

X  

MPSH10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPSH10
Description  NPN 1 GHz general purpose switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPSH10 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPSH10 Datasheet HTML 1Page - NXP Semiconductors MPSH10 Datasheet HTML 2Page - NXP Semiconductors MPSH10 Datasheet HTML 3Page - NXP Semiconductors MPSH10 Datasheet HTML 4Page - NXP Semiconductors MPSH10 Datasheet HTML 5Page - NXP Semiconductors MPSH10 Datasheet HTML 6Page - NXP Semiconductors MPSH10 Datasheet HTML 7Page - NXP Semiconductors MPSH10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Aug 27
2
Philips Semiconductors
Product specification
NPN 1 GHz general purpose switching transistor
MPSH10
FEATURES
• Low cost
• High power gain.
DESCRIPTION
Silicon NPN general purpose
transistor in a SOT54 (TO-92)
package. PNP complement is the
MPSH81.
PINNING
PIN
DESCRIPTION
1
collector
2
emitter
3
base
Fig.1 SOT54.
page
1
3
2
MSB033
Marking code: PSH10.
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector lead, 4 mm from the body.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector lead, 4 mm from the body.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
30
V
VCEO
collector-emitter voltage
open base
−
25
V
VEBO
emitter-base voltage
open collector
−
3V
Ptot
total power dissipation
Ts =25 °C; note 1
−
1W
Tj
junction temperature
−
150
°C
hFE
DC current gain
VCE =10V; IC =4mA
60
−
Cre
collector-emitter feedback capacitance
VCB =10V; IE = 0; f = 1 MHz
−
0.7
pF
Crb
collector-base feedback capacitance
VCB =10V; IE = 0; f = 1 MHz
0.35
0.65
pF
fT
transition frequency
VCE =10V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
650
−
MHz
rbCc
collector-base time constant
VCE =10V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
−
9ps
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
30
V
VCEO
collector-emitter voltage
open base
−
25
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current (DC)
−
40
mA
Ptot
total power dissipation
Ts =25 °C; note 1
−
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com