Electronic Components Datasheet Search
  English  ▼

X  

MPSH10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPSH10
Description  NPN 1 GHz general purpose switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPSH10 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPSH10 Datasheet HTML 1Page - NXP Semiconductors MPSH10 Datasheet HTML 2Page - NXP Semiconductors MPSH10 Datasheet HTML 3Page - NXP Semiconductors MPSH10 Datasheet HTML 4Page - NXP Semiconductors MPSH10 Datasheet HTML 5Page - NXP Semiconductors MPSH10 Datasheet HTML 6Page - NXP Semiconductors MPSH10 Datasheet HTML 7Page - NXP Semiconductors MPSH10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Aug 27
3
Philips Semiconductors
Product specification
NPN 1 GHz general purpose switching transistor
MPSH10
THERMAL CHARACTERISTICS
Note
1.
Ts is the temperature at the soldering point of the collector lead, 4 mm from the body.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
125
K/W
Rth j-a
thermal resistance from junction to ambient
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 100 µA; IE =0
30
−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC = 1 mA; IB =0
25
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE =10 µA; IC =0
3
−
V
VCEsat
collector-emitter saturation voltage
IC = 4 mA; IB = 0.4 mA
−
0.5
V
VBEon
base-emitter ON voltage
VCE = 10 V; IC =4mA
−
0.95
V
ICBO
collector-base cut-off current
VCB = 25 V; IE =0
−
100
nA
IEBO
emitter-base cut-off current
VCB = 25 V; IC =0
−
100
nA
hFE
DC current gain
VCE = 10 V; IC =4mA
60
−
Cre
collector-emitter feedback capacitance
VCB = 10 V; IE =ie = 0; f = 1 MHz
−
0.7
pF
Crb
collector-base feedback capacitance
VCB = 10 V; IC =ic = 0; f = 1 MHz
0.35
0.65
pF
fT
transition frequency
VCE = 10 V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
650
−
MHz
rbCc
collector-base time constant
VCB = 10 V; IC = 4 mA;
f = 100 MHz; Tamb =25 °C
−
9ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com