Electronic Components Datasheet Search
  English  ▼

X  

MPSH10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPSH10
Description  NPN 1 GHz general purpose switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPSH10 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPSH10 Datasheet HTML 1Page - NXP Semiconductors MPSH10 Datasheet HTML 2Page - NXP Semiconductors MPSH10 Datasheet HTML 3Page - NXP Semiconductors MPSH10 Datasheet HTML 4Page - NXP Semiconductors MPSH10 Datasheet HTML 5Page - NXP Semiconductors MPSH10 Datasheet HTML 6Page - NXP Semiconductors MPSH10 Datasheet HTML 7Page - NXP Semiconductors MPSH10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Aug 27
4
Philips Semiconductors
Product specification
NPN 1 GHz general purpose switching transistor
MPSH10
Fig.2
Common base input admittance (Y11) as a
function of frequency.
VCB = 10 V; IC = 4 mA.
handbook, halfpage
0
100
20
40
Y11
(mS)
f (MHz)
60
80
MRA154
102
g11
−b11
103
Fig.3 Common base input admittance (Y11).
VCB = 10 V; IC = 4 mA.
handbook, halfpage
0
100
−10
−60
−50
−40
−30
−20
20
40
60
80
g11 (mS)
b11
(mS)
MRA156
1000 MHz
700
400
200 100
Fig.4
Common base forward transfer admittance
(Y21) as a function of frequency.
VCB = 10 V; IC = 4 mA.
handbook, halfpage
−30
70
−10
10
Y21
(mS)
f (MHz)
30
50
MRA155
102
103
b21
−g21
Fig.5
Common base forward transfer admittance
(Y21).
VCB = 10 V; IC = 4 mA.
handbook, halfpage
−70
30
60
10
20
30
40
50
−50
−30
−10
10
g21 (mS)
b21
(mS)
MRA157
1000 MHz
700
400
200
100
600



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com