Electronic Components Datasheet Search
  English  ▼

X  

LCE Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # LCE
Description  6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LCE Datasheet(HTML) 4 Page - UN Semiconducctor INC

  LCE Datasheet HTML 1Page - UN Semiconducctor INC LCE Datasheet HTML 2Page - UN Semiconducctor INC LCE Datasheet HTML 3Page - UN Semiconducctor INC LCE Datasheet HTML 4Page - UN Semiconducctor INC LCE Datasheet HTML 5Page - UN Semiconducctor INC LCE Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/5
LCE Series
6.5 To 90V 1500W Low Capacitance
Dimensions
Dimensions
Min
Max
Max
Min
Inches
Millimeters
A
B
C
D
1.000
0.285
0.038
0.189
-
0.375
0.042
0.209
25.40
7.24
0.97
4.79
-
9.53
1.07
5.30
DO-201
Cathode Band
Physical Specifications
Environmental Specifications
Soldering Parameters
Ramp up
TSMAX
TSMIN
Ramp down
Time
Reflow Profile
ReTime to peak temperature
TP
TL
25
Critical Zone
TL to TP
TL
T 25℃ to Peak
Ts
Preheat
TP
Lead–free assembly
150°C
200°C
60 -180 Seconds
3°C/second max
3°C/second max
217°C
60 -150 Seconds
260 +0/-5°C
20 - 40 Seconds
6°C/second max
8 minutes Max
280°C
Reflow Condition
Pre Heat
-Temperature Min (Ts(min))
-Temperature Max (Ts(max))
- Time (min to max) (TS)
Average ramp up rate ( Liquidus
Temp TL) to peak
TS(max) to TL - Ramp-up Rate
Reflow
- Temperature (TL) (Liquidus)
- Time (min to max) (TS)
Peak Temperature (TP)
Do not exceed
Time 25°C to peak Temperature (TP)
Time within 5°C of actual peak
Temperature (TP)
Ramp-down Rate
Weight
Case
Polarlty
Terminal
Color band denotes cathode except
Bipolar
0.032 ounce, 0.9 gram
JEDEC DO-201 Molded Plasticover
glass passivated junction
Matte Tin-plated leads, Solderable per
JESD22-B102D
JESD22-A104
JESD22-A102
JESD22-A103
JESD22-A108
JESD22-A106
Temperature Cycle
Pressure Cooker
High Temp. Storage
HTRB
Thermal Shock



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com