Electronic Components Datasheet Search
  English  ▼

X  

LCE Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # LCE
Description  6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LCE Datasheet(HTML) 3 Page - UN Semiconducctor INC

  LCE Datasheet HTML 1Page - UN Semiconducctor INC LCE Datasheet HTML 2Page - UN Semiconducctor INC LCE Datasheet HTML 3Page - UN Semiconducctor INC LCE Datasheet HTML 4Page - UN Semiconducctor INC LCE Datasheet HTML 5Page - UN Semiconducctor INC LCE Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
LCE Series
6.5 To 90V 1500W Low Capacitance
3/5
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 3 - Pulse Waveform
Figure 1 - Peak Pulse Power Rating Curve
Figure 4 - AC Line Protection Application
0.1
1
10
100
0.1
1
10
100
1000
10000
t - Time (ms)
10/1000µsec. Waveform
as defined by R.E.A
Half Value
IPPM (IPPM/2)
Peak Value
IPPM
TR=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150
Figure 2 - Pulse Derating Curve
TL - Lead temperature(°C)
0
25
50
75
100 125 150
175
0
20
40
60
80
100
200
Power Dissipation
Peak Power (Single Pulse)
TJ=Initial Temperature
Low
Capacitance
TVS
Application Note: Device must be used with two
units in parallel, opposite in polarity as shown in
circuit for AC signal line protection.
TD - Pulse Width (μs)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com