Electronic Components Datasheet Search
  English  ▼

X  

LCE Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # LCE
Description  6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LCE Datasheet(HTML) 1 Page - UN Semiconducctor INC

  LCE Datasheet HTML 1Page - UN Semiconducctor INC LCE Datasheet HTML 2Page - UN Semiconducctor INC LCE Datasheet HTML 3Page - UN Semiconducctor INC LCE Datasheet HTML 4Page - UN Semiconducctor INC LCE Datasheet HTML 5Page - UN Semiconducctor INC LCE Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The LCE series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other
transient voltage events.
LCE Series
Features
Description
Applications
ROHS
Revision March 1,2022
Axial Lead Transient Voltage Suppressors (TVS)
www.unsemi.com.tw
6.5 To 90V 1500W Low Capacitance
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/5
Glass passivated junction .
1500W peak pulse power capability with a 10/1000 μ s waveform,
repetitive rate (duty cycle):0.01 % .
Low leakage .
Excellent clamping capability .
Very fast response time .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
TVS devices are ideal for the protection of I/O interfaces, VCC bus
and other vulnerable circuits used in Telecom, Computer, Industrial
and Consumer electronic applications.
Uni-directional
Bi-directional
Maximum Ratings (TA=25℃ unless otherwise noted)
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25°C per Fig. 2
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000µs waveform(1)
Peak Pulse Current with a 10/1000µs waveform. (Fig.2)(1)
Power Dissipation on Infinite Heat Sink at TL=75°C (Fig.2)
Junction and Storage Temperature Range.
Operating Temperature Range
PPPM
IPP
PM(AV)
TJ, TSTG
TOP
1500
See Next Table
6.5
- 55 to +150
- 40 to +125
W
A
W
°C
°C


Similar Part No. - LCE

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE LITTELFUSE-LCE Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
LCE MERITEK-LCE Datasheet
391Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
LCE RUILON-LCE Datasheet
752Kb / 7P
Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LCE

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
1.5KE UNSEMI-1.5KE Datasheet
3Mb / 7P
6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SAC UNSEMI-SAC Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com