Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT110WAF Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29SL400CT110WAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CT110WAF Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29SL400CT110WAF Datasheet HTML 14Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 15Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 16Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 17Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 18Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 19Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 20Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 21Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
16
Am29SL400C
Am29SL400C_00_A6 January 23, 2007
D A TA
SH EE T
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to program
bytes or words to the device faster than using the standard
program command sequence. The unlock bypass command
sequence is initiated by first writing two unlock cycles. This is
followed by a third write cycle containing the unlock bypass
command, 20h. The device then enters the unlock bypass
mode. A two-cycle unlock bypass program command se-
quence is all that is required to program in this mode. The
first cycle in this sequence contains the unlock bypass pro-
gram command, A0h; the second cycle contains the pro-
gram address and data. Additional data is programmed in
the same manner. This mode dispenses with the initial two
unlock cycles required in the standard program command
sequence, resulting in faster total programming time. Table 5
on page 18 shows the requirements for the command se-
quence.
During the unlock bypass mode, only the Unlock Bypass
Program and Unlock Bypass Reset commands are valid. To
exit the unlock bypass mode, the system must issue the
two-cycle unlock bypass reset command sequence. The first
cycle must contain the data 90h; the second cycle the data
00h. Addresses are don’t cares. The device then returns to
reading array data.
Figure 3‚ on page 16 illustrates the algorithm for the program
operation. See Erase/Program Operations‚ on page 30 for
parameters, and Figure 17‚ on page 31 for timing diagrams.
Note: See Table 5 for program command sequence.
Figure 3.
Program Operation
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase com-
mand sequence is initiated by writing two unlock cycles, fol-
lowed by a set-up command. Two additional unlock write
cycles are then followed by the chip erase command, which
in turn invokes the Embedded Erase algorithm. The device
does not require the system to preprogram prior to erase.
The Embedded Erase algorithm automatically preprograms
and verifies the entire memory for an all zero data pattern
prior to electrical erase. The system is not required to pro-
vide any controls or timings during these operations. Table 5
on page 18 shows the address and data requirements for
the chip erase command sequence.
Any commands written to the chip during the Embedded
Erase algorithm are ignored. Note that a hardware reset
during the chip erase operation immediately terminates the
operation. The Chip Erase command sequence should be
reinitiated once the device has returned to reading array
data, to ensure data integrity The system can determine the
status of the erase operation by using DQ7, DQ6, DQ2, or
RY/BY#. See Write Operation Status‚ on page 19 for infor-
mation on these status bits. When the Embedded Erase al-
gorithm is complete, the device returns to reading array data
and addresses are no longer latched.
Figure 4‚ on page 17 illustrates the algorithm for the erase
operation. See Erase/Program Operations‚ on page 30 for
parameters, and to Figure 18 for timing diagrams.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional unlock write
cycles are then followed by the address of the sector to be
erased, and the sector erase command. Table 5 on page 18
shows the address and data requirements for the sector
erase command sequence.
The device does not require the system to preprogram the
memory prior to erase. The Embedded Erase algorithm au-
tomatically programs and verifies the sector for an all zero
data pattern prior to electrical erase. The system is not re-
quired to provide any controls or timings during these opera-
tions.
After the command sequence is written, a sector erase
time-out of 50 µs begins. During the time-out period, addi-
tional sector addresses and sector erase commands may be
written. Loading the sector erase buffer may be done in any
sequence, and the number of sectors may be from one sec-
tor to all sectors. The time between these additional cycles
must be less than 50 µs, otherwise the last address and
command might not be accepted, and erasure may begin. It
is recommended that processor interrupts be disabled dur-
ing this time to ensure all commands are accepted. The in-
terrupts can be re-enabled after the last Sector Erase
command is written. If the time between additional sector
erase commands can be assumed to be less than 50 µs, the
system need not monitor DQ3. Any command other than
Sector Erase or Erase Suspend during the time-out pe-
riod resets the device to reading array data. The system
must rewrite the command sequence and any additional
sector addresses and commands.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com