Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT110WAF Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29SL400CT110WAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CT110WAF Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29SL400CT110WAF Datasheet HTML 7Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 8Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 9Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 10Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 11Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 12Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 13Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 14Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
9
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the de-
vice bus operations, which are initiated through the internal
command register. The command register itself does not oc-
cupy any addressable memory location. The register is com-
posed of latches that store the commands, along with the
address and data information needed to execute the com-
mand. The contents of the register serve as inputs to the in-
ternal state machine. The state machine outputs dictate the
function of the device. Table 1 lists the device bus opera-
tions, the inputs and control levels they require, and the re-
sulting output. The following subsections describe each of
these operations in further detail.
Table 1.
Am29SL400C Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10 ± 1.0 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1.
Addresses are A17:A0 in word mode (BYTE# = VIH), A17:A-1 in byte mode (BYTE# = VIL).
2.
The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O pins
DQ15–DQ0 operate in the byte or word configuration. If the
BYTE# pin is set at logic ‘1’, the device is in word configura-
tion, DQ15–DQ0 are active and controlled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte con-
figuration, and only data I/O pins DQ0–DQ7 are active and
controlled by CE# and OE#. The data I/O pins DQ8–DQ14
are tri-stated, and the DQ15 pin is used as an input for the
LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the CE# and OE# pins to VIL. CE# is the power control and
selects the device. OE# is the output control and gates array
data to the output pins. WE# should remain at VIH. The
BYTE# pin determines whether the device outputs array
data in words or bytes.
The internal state machine is set for reading array data upon
device power-up, or after a hardware reset. This ensures
that no spurious alteration of the memory content occurs
during the power transition. No command is necessary in
this mode to obtain array data. Standard microprocessor
read cycles that assert valid addresses on the device ad-
dress inputs produce valid data on the device data outputs.
The device remains enabled for read access until the com-
mand register contents are altered.
See Reading Array Data‚ on page 15 for more information.
Refer to the AC Read Operations table for timing specifica-
tions and to Figure 14‚ on page 28 for the timing diagram.
ICC1 in the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive WE# and CE# to VIL, and
OE# to VIH.
For program operations, the BYTE# pin determines whether
the device accepts program data in bytes or words. Refer
to Word/Byte Configuration‚ on page 9 for more information.
Operation
CE#
OE#
WE#
RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ±
0.2 V
XX
VCC ±
0.2 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
Sector Address, A6
= L, A1 = H,
A0 = L
DIN
XX
Sector Unprotect (Note 2)
L
H
L
VID
Sector Address, A6
= H, A1 = H,
A0 = L
DIN
XX
Temporary Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com