Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT110WAF Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29SL400CT110WAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CT110WAF Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29SL400CT110WAF Datasheet HTML 9Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 10Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 11Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 12Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 13Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 14Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 15Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 16Page - Advanced Micro Devices AM29SL400CT110WAF Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
11
D A TA
SH EE T
Table 2.
Am29SL400CT Top Boot Block Sector Address Table
Table 3.
Am29SL400CB Bottom Boot Block Sector Address Table
Note for Tables 2 and 3: Address range is A17:A-1 in byte mode and A17:A0 in word mode. See “Word/Byte Configuration” section for more
information.
Autoselect Mode
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on DQ7–DQ0. This mode is primarily
intended for programming equipment to automatically match
a device to be programmed with its corresponding program-
ming algorithm. However, the autoselect codes can also be
accessed in-system through the command register.
When using programming equipment, the autoselect mode
requires VID on address pin A9. Address pins A6, A1, and
A0 must be as shown in Table 4 on page 12. In addition,
when verifying sector protection, the sector address must
appear on the appropriate highest order address bits (see
Table 2 on page 11 and Table 3 on page 11). Table 4 shows
the remaining address bits that are don’t care. When all nec-
essary bits have been set as required, the programming
equipment may then read the corresponding identifier code
on DQ7–DQ0.
To access the autoselect codes in-system, the host system
can issue the autoselect command via the command regis-
ter, as shown in Table 5 on page 18. This method does not
require VID. See Command Definitions‚ on page 18 for de-
tails on using the autoselect mode.
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA6
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA7
1110
X
X
32/16
70000h–77FFFh
38000h–3BFFFh
SA8
111100
8/4
78000h–79FFFh
3C000h–3CFFFh
SA9
111101
8/4
7A000h–7BFFFh
3D000h–3DFFFh
SA10
11111
X
16/8
7C000h–7FFFFh
3E000h–3FFFFh
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
00000
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
000010
8/4
04000h–05FFFh
02000h–02FFFh
SA2
000011
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0001
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com