Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 71 Page - Analog Devices

Part # LTM4677
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 67Page - Analog Devices LTM4677 Datasheet HTML 68Page - Analog Devices LTM4677 Datasheet HTML 69Page - Analog Devices LTM4677 Datasheet HTML 70Page - Analog Devices LTM4677 Datasheet HTML 71Page - Analog Devices LTM4677 Datasheet HTML 72Page - Analog Devices LTM4677 Datasheet HTML 73Page - Analog Devices LTM4677 Datasheet HTML 74Page - Analog Devices LTM4677 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
LTM4683
71
Rev. 0
For more information www.analog.com
Figure 44. 5VIN to 0.7VOUT
Derating Curve, No Heat Sink
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4683 F44
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4683 F45
0LFM
200LFM
400LFM
TAMB (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4683 F46
Figure 45. 8VIN to 0.7VOUT
Derating Curve, No Heat Sink
Figure 46. 12VIN to 0.7VOUT
Derating Curve, No Heat Sink
APPLICATIONS INFORMATION
power loss curve at 84A (See Figure 37), with the 1.35
multiplying factor. If the 76°C ambient temperature is
subtracted from the 125°C junction temperature, then
the difference of °C divided by 12.56W yields a thermal
resistance, θJA, of ~4°C/W—in good agreement with the
value derived from thermal simulation shown in the Pin
Configuration section. Table 10–Table 12 provide equiva-
lent thermal resistances for 0.4V, 0.6V and 0.7V outputs
with and without airflow.
Table 10– Table 12 for the various conditions can be multi-
plied by the calculated power loss as a function of ambient
temperature to derive temperature rise above ambient,
thus maximum junction temperature. Room temperature
power loss can be derived from the efficiency curves
in the Typical Performance Characteristics section and
adjusted with the above ambient temperature multiplica-
tive factors.
Table 10. 0.4V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
0
None
4.25
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
400
None
3
Table 11. 0.6V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
0
None
4.25
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
400
None
3
Table 12. 0.7V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
0
None
4.25
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
400
None
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com