Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4677
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
LTM4683
16
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VOUT2_CFG (AA8): Output Voltage Select Pin for VOUT2,
Coarse Setting. If the VOUT2_CFG and VTRIM2_CFG pins
are both left open—or, if the LTM4683 is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b—then the LTM4683s target VOUT2 output
voltage setting (VOUT_COMMAND2) and associated
power-good and OV/UV warning and fault thresholds are
dictated at SVIN_23 power-up according to the LTM4683’s
NVM contents. A resistor divider connected to 2.5V and
SGND to this pin—in combination with resistor pin set-
tings on VTRIM2_CFG, and using the factory-default NVM
setting of MFR_CONFIG_ALL[6] = 0b—can be used to
configure the LTM4683’s Channel 2 output to power-
up to a VOUT_COMMAND value (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) different from those of NVM contents. (See the
Applications Information section.) Connecting resistor(s)
from VOUT2_CFG to SGND and/or VTRIM2_CFG to SGND
in this manner allows a convenient way to configure mul-
tiple LTM4683s with identical NVM contents for different
output voltage settings all without GUI intervention or
the need to custom-preprogram module NVM contents.
Minimize capacitance especially when the pin is left open
to ensure accurate detection of the pin state. Note that
using RCONFIGs on VOUT2_CFG/VTRIM2_CFG can affect
the VOUT2 range setting (MFR_PWM_MODE0[1]) and loop
gain. For addressed ASEL_23, Page 0x00 corresponds to
Channel 2, and Page 0x01 corresponds to Channel 3. See
PAGE description section.
FSWPH_23_CFG (AA9): Switching Frequency, Channel
Phase-Interleaving Angle and Phase Relationship to SYNC
Configuration Pin for Channel 2 and Channel 3. If this pin
is left open—or, if the LTM4683 is configured to ignore
pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_ALL[6] =
1b—then LTM4683’s switching frequency (FREQUENCY_
SWITCH) and channel phase relationships (with respect
to the SYNC clock; MFR_PWM_CONFIG[2:0]) are dictated
at SVIN_23 power-up according to the LTM4683’s NVM
contents for Channel 2 and Channel 3. Default factory val-
ues are 425kHz operation, Channel 2 at 0°, and Channel 3
at 180°C (convention throughout this document: a phase
angle of 0° means the channel’s switch node rises coinci-
dent with the falling edge of the SYNC pulse). Connecting a
resistor divider from 2.5V to SGND (and using the factory-
default NVM setting of MFR_CONFIG_ALL[6] = 0b) allows
a convenient way to configure multiple LTM4683s with
identical NVM contents for different switching frequencies
of operation and phase interleaving angle settings of intra-
and extra-module-paralleled channels—all, without GUI
intervention or the need to custom pre-program module
NVM contents. (See the Applications Information sec-
tion.) Minimize capacitance—especially when the pin is
left open—to ensure accurate detection of the pin state.
ASEL_23 (AA10): Serial Bus Address Configuration Pin
for Channel 2 and Channel 3 Controller. On any given I2C/
SMBus serial bus segment, every device must have its
unique subordinate address. If this pin is left open, the
LTM4683 powers up to its default subordinate address
of 0x4F (hexadecimal), i.e., 1001111b (industry-stan-
dard convention is used throughout this document:
7-bit subordinate addressing). The lower four bits of the
LTM4683’s subordinate address can be altered from this
default value by connecting a resistor from this pin to
SGND. Minimize capacitance—especially when the pin is
left open—to ensure accurate detection of the pin state. It
is recommended to use a resistor to set the address. The
ASEL_23 address will be used to address Channels 2 and
3, and a different ASEL_01 address will be used to address
Channel 0 and Channel 1. For addressed ASEL_23, Page
0x00 corresponds to Channel 2, and Page 0x01 corre-
sponds to Channel 3. See PAGE description section. The
GUI will represent Channel 2 as U1:B0 and Channel 3 as
U1:B1. See Figure 32.
VOUT3_CFG (AB8): Output Voltage Select Pin for VOUT3,
Coarse Setting. If the VOUT3_CFG and VTRIM3_CFG pins
are both left open—or, if the LTM4683 is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b—then the LTM4683s target VOUT3 output
voltage setting (VOUT_COMMAND3) and associated
power-good and OV/UV warning and fault thresholds are
dictated at SVIN_23 power-up according to the LTM4683’s
NVM contents. A resistor divider connected to 2.5V and
SGND to this pin—in combination with resistor pin set-
tings on VTRIM3_CFG, and using the factory-default NVM
setting of MFR_CONFIG_ALL[6] = 0b—can be used to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com