Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4677
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 4Page - Analog Devices LTM4677 Datasheet HTML 5Page - Analog Devices LTM4677 Datasheet HTML 6Page - Analog Devices LTM4677 Datasheet HTML 7Page - Analog Devices LTM4677 Datasheet HTML 8Page - Analog Devices LTM4677 Datasheet HTML 9Page - Analog Devices LTM4677 Datasheet HTML 10Page - Analog Devices LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 132 page
background image
LTM4683
8
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN, SVIN = 12V, RUNn = 3.3V,
RUNP = 12V, FREQUENCY_SWITCH = 425kHz and VOUTn commanded to 0.5V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
tCONVERT-IO-RB
Output Current Readback
Update,Rate
MFR_ADC_CONTROL = 0x00, (Notes 9, 14)
MFR_ADC_CONTROL = 0x06 (CH0,2 IOUT) or 0x0A (CH1,3
IOUT), (Notes 9, 14), See MFR_ADC_CONTROL SECTION
90
8
ms
ms
Input Current Readback
N
Resolution
(Note 10)
10
Bits
VIINSTP
LSB Step Size Full-Scale Range = 16mV
LSB Step Size Full-Scale Range = 32mV
LSB Step Size Full-Scale Range = 64mV
Gain = 8, 0V ≤ |VIIN+ – VIIN–| ≤ 5mV
Gain = 4, 0V ≤ |VIIN+ – VIIN–| ≤ 20mV
Gain = 2, 0V ≤ |VIIN+ – VIIN–| ≤ 50mV
15.26
30.52
61
µV
µV
µV
IIN_TUE
Total Unadjusted Error
Gain = 8, 2.5mV ≤ |VIIN+ – VIIN–|, (Note 7)
Gain = 4, 4mV ≤ |VIIN+ – VIIN–|, (Note 7)
Gain = 2, 6mV ≤ |VIIN+ – VIIN–|, (Note 7)
2
1.3
1.2
%
%
%
VOS
Zero-Code Offset Voltage
(Note 14)
±50
µV
tCONVERT
Update Rate
(Notes 9,14), See MFR_ADC_CONTROL SECTION for
Faster Update Rates
90
ms
Supply Current Readback (Note 15)
N
Resolution
(Note 10)
10
Bits
VICHIPSTP
LSB Step Size Full-Scale
Range = 256mV
Onboard 1Ω Resistor
244
µV
ICHIP_RB
ICHIP Readback
SVIN_nn Current
50
mA
tCONVERT
Update Rate
(Notes 9,14), See MFR_ADC_CONTROL SECTION for
Faster Update Rates
90
ms
Temperature Readback (T0, T1)
TRES-RB
Temperature Readback Resolution
Channel n, and Controller, (Note 14)
0.25
°C
T0_TUE
External Temperature Total
Unadjusted Readback Error
Supporting Only ∆VBE Sensing
2.5
°C
T1_TUE
Internal TSNS TUE
VRUNn = 0V, fSYNC = 0kHz, (Note 7)
±1
°C
tCONVERT
Update Rate
(Note 9)
MFR_ADC_CONTROL = 0x04, 0x0C, or 0x08 (Notes 9, 14)
90
8
ms
ms
INTVCC_nn Regulator, VBIAS
VINTVCC_nn
Internal VCC Voltage No Load
6V ≤ SVIN_nn ≤ 14V
l
5.25
5.5
5.75
V
VLDO_INT
INTVCC Load Regulation
ICC = 0mA to 50mA, 6V ≤ SVIN_nn ≤ 14V
0.5
±2
%
VIN_VBIAS
Input Range for VIN_VBIAS
7
14
V
RUNP
VBIAS Enable
RUNP Rising
0.8
0.85
V
VBIAS
5.5V Internal Regulator
7V ≤ VIN_VBIAS ≤ 14V, VSVIN_nn > 7V
5.25
5.5
5.75
V
SVIN_THR
VSVIN_nn Threshold to Enable
VBIAS Switchover
SVIN_nn Rising
7
7.5
V
SVIN_THF
VSVIN_nn Threshold to Disable
VBIAS Switchover
SVIN_nn Falling
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com