Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4680
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 4 Page - Analog Devices

  LTM4680 Datasheet HTML 1Page - Analog Devices LTM4680 Datasheet HTML 2Page - Analog Devices LTM4680 Datasheet HTML 3Page - Analog Devices LTM4680 Datasheet HTML 4Page - Analog Devices LTM4680 Datasheet HTML 5Page - Analog Devices LTM4680 Datasheet HTML 6Page - Analog Devices LTM4680 Datasheet HTML 7Page - Analog Devices LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
LTM4683
4
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VINnn (Note 4), SVIN_nn, IIN_nn+, IIN_nn−,
VIN_VBIAS, RUNP ........................................ –0.3V to 16V
(SVIN_nn – IIN_nn+), (IIN_nn+ – IIN_nn−) ....... –0.3V to 0.3V
SWn ............................ −1V to 16V, −5V to 16V Transient
INTVCC_nn, VBIAS ......................................... –0.3V to 6V
VOUTn .........................................................–0.3V to 1.0V
VOSNSn+......................................................–0.3V to 1.0V
VOSNSn−..................................................... –0.3V to 0.3V
RUNn, SDA_nn, SCL_nn, ALERT_nn ......... –0.3V to 5.5V
FSWPH_nn_CFG, VOUTn_CFG,
VTRIMn_CFG, ASEL_nn.......................... –0.3V to 2.75V
FAULTn, SYNC_nn, SHARE_CLK_nn,
WP_nn, PGOODn ...................................... −0.3V to 3.6V
COMPna, COMPnb.................................... –0.3V to 2.7V
TSNSn....................................................... –0.3V to 0.8V
n = 0, 1, 2, 3 and nn = 01, 23
VDD33_nn and VDD25_nn are outputs not to be driven.
Temperatures
Internal Operating Temperature Range
(Notes 2, 13, 15, 16)............................... –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature... 245°C
(Note 1)
5
6
7
8
9 10 11 12 13 14
1
4
3
2
15
A
B
C
D
E
F
G
H
K
J
L
T
R
P
N
M
U
AB
AA
Y
W
V
VOUT0
GND
GND
GND
GND
TOP VIEW
BGA PACKAGE
330-PIN (15mm × 22mm × 5.71mm)
TJMAX = 125°C, θJCtop = 2.8°C/W, θJCbottom = 1.4°C/W, θJA = 4.73°C/W
VOUT1
VOUT2
VOUT3
SW0
SW1
SW3
VIN23
VIN01
SW2
SHARE_CLK_01
VTRIM0_CFG
VDD25_01 VTRIM1_CFG
VIN_VBIAS
COMP1b
VDD33_01
VOSNS1–
COMP1a
VOSNS1+
VOSNS2+
INTVCC_01
SVIN_01
SCL_23
ALERT_23
RUN3
SYNC_23
SDA_23
PGOOD0
PGOOD1
COMP2b
COMP2a
RUNP
ALERT_01
SYNC_01
TSNS0
TSNS1
TSNS3
SVIN_23
INTVCC_23
COMP0b
COMP0a
IN_01+
VOSNS0–
IN_01–
IN_23–
VOSNS2–
TSNS2
IN_23+
VOSNS0+
PGOOD2
VOSNS3+
PGOOD3 VOSNS3
–
FAULT2
COMP3a
FAULT3
COMP3b
VDD33_23
WP_23
VBIAS
SGND_01
SGND_23
RUN2
SDA_01
SCL_01
WP_01
NOTES:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS, WEIGHT = 6.4g (TYP.).
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
3) SEE THERMAL CONSIDERATIONS AND OUTPUT CURRENTDERATING FOR LAB MEASUREMENT
AND DERATING INFORMATION.
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4683EY#PBF
SAC305 (RoHS)
LTM4683Y
e1
BGA
4
–40°C to 125°C
LTM4683IY#PBF
SAC305 (RoHS)
LTM4683Y
e1
BGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com