Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4680
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 8Page - Analog Devices LTM4680 Datasheet HTML 9Page - Analog Devices LTM4680 Datasheet HTML 10Page - Analog Devices LTM4680 Datasheet HTML 11Page - Analog Devices LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
LTM4683
12
Rev. 0
For more information www.analog.com
Single Channel Efficiency, 5VIN,
VIN = SVIN = INTVCC = 5V,
RUNP = 0V, Continuous-
Conduction Mode (CCM)
Single Channel Efficiency, 8VIN,
VIN = SVIN = VIN_VBIAS = 8V,
RUNP = 8V, CCM
Single Channel Efficiency, 12VIN
VIN = SVIN = VIN_VBIAS =
RUNP = 12V, CCM
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Quad Channel Single
Output Efficiency
VIN = SVIN = VIN_VBIAS =
RUNP = 12V, CCM
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4683 G01
5VIN, 0.3VOUT, 250kHz
5VIN, 0.4VOUT, 350kHz
5VIN, 0.5VOUT, 500kHz
5VIN, 0.6VOUT, 500kHz
5VIN, 0.7VOUT, 575kHz
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4683 G02
8VIN, 0.3VOUT, 250kHz
8VIN, 0.4VOUT, 350kHz
8VIN, 0.5VOUT, 425kHz
8VIN, 0.6VOUT, 500kHz
8VIN, 0.7VOUT, 575kHz
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4683 G03
12VIN, 0.3VOUT, 250kHz
12VIN, 0.4VOUT, 350kHz
12VIN, 0.5VOUT, 425kHz
12VIN, 0.6VOUT, 500kHz
12VIN, 0.7VOUT, 575kHz
LOAD CURRENT (A)
0
20
40
60
80
100
120
55
60
65
70
75
80
85
90
95
3683 G04
0.3VOUT, 250kHz
0.4VOUT, 350kHz
0.5VOUT, 425kHz
0.6VOUT, 500kHz
0.7VOUT, 575kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com