Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4680
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 132 page
background image
LTM4683
17
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
configure the LTM4683’s Channel 3 output to power-
up to a VOUT_COMMAND value (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) different from those of NVM contents. (See the
Applications Information section.) Connecting resistor(s)
from VOUT3_CFG to SGND and/or VTRIM3_CFG to SGND
in this manner allows a convenient way to configure mul-
tiple LTM4683s with identical NVM contents for different
output voltage settings all without GUI intervention or
the need to custom-preprogram module NVM contents.
Minimize capacitance especially when the pin is left open
to ensure accurate detection of the pin state. Note that
using RCONFIGs on VOUT3_CFG/VTRIM3_CFG can affect
the VOUT3 range setting (MFR_PWM_MODE1[1]) and loop
gain. For addressed ASEL_23, Page 0x00 corresponds to
Channel 2, and Page 0x01 corresponds to Channel 3. See
PAGE description section.
VTRIM3_CFG (AB9): Output Voltage Select Pin for VOUT3,
Fine Setting. Works in combination with VOUT3_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of Channel 3, at SVIN_23 power-up. (See VOUT3_CFG and
the Applications Information section.) A resistor divider
from 2.5V to SGND connected to the pin will set the TRIM
value. See Table 2. Minimize capacitance especially when
the pin is left open to ensure accurate detection of the
pin state. Note that using RCONFIGs on VOUT3_CFG/
VTRIM3_CFG can affect the VOUT3 range setting (MFR_
PWM_MODE0[1]) and loop gain. For addressed ASEL_23,
Page 0x00 corresponds to Channel 2, and Page 0x01 cor-
responds to Channel 3. See PAGE description section.
VTRIM2_CFG (AB10): Output Voltage Select Pin for VOUT2,
Fine Setting. Works in combination with VOUT2_CFG to
affect the VOUT_COMMAND (and associated output volt-
age monitoring and protection/fault-detection thresholds)
of Channel 2, at SVIN_23 power-up. (See VOUT2_CFG and
the Applications Information section.) A resistor divider
from 2.5V to SGND connected to the pin will set the TRIM
value. See Table 2. Minimize capacitance especially when
the pin is left open to ensure accurate detection of the
pin state. Note that using RCONFIGs on VOUT2_CFG/
VTRIM2_CFG can affect the VOUT2 range setting (MFR_
PWM_MODE0[1]) and loop gain. For addressed ASEL_23,
Page 0x00 corresponds to Channel 2, and Page 0x01 cor-
responds to Channel 3. See PAGE description section.
VDD25_23 (AB11): Internally Generated 2.5V Power Supply
Output Pin for Channel 2 and Channel 3 Circuits. Do not
load this pin with the external current; it is used strictly
to bias internal logic and provides current for the internal
pull-up resistors connected to the configuration-program-
ming pins. No external decoupling is required.
VOUT1_CFG (B8): Output Voltage Select Pin for VOUT1,
Coarse Setting. If the VOUT1_CFG and VTRIM1_CFG pins
are both left open—or, if the LTM4683 is configured to ignore
pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_ALL[6] =
1b—then the LTM4683s target VOUT1 output voltage set-
ting (VOUT_COMMAND1) and associated power-good and
OV/UV warning and fault thresholds are dictated at SVIN_01
power-up according to the LTM4683’s NVM contents. A
resistor divider connected to 2.5V and SGND to this pin—in
combination with resistor pin settings on VTRIM1_CFG, and
using the factory-default NVM setting of MFR_CONFIG_
ALL[6] = 0b—can be used to configure the LTM4683’s
Channel 1 output to power-up to a VOUT_COMMAND
value (and associated output voltage monitoring and pro-
tection/fault-detection thresholds) different from those of
NVM contents. (See the Applications Information section.)
Connecting resistor(s) from VOUT1_CFG to SGND and/or
VTRIM1_CFG to SGND in this manner allows a convenient
way to configure multiple LTM4683s with identical NVM
contents for different output voltage settings all without
GUI intervention or the need to custom-preprogram module
NVM contents. Minimize capacitance especially when the
pin is left open to ensure accurate detection of the pin state.
Note that using RCONFIGs on VOUT1_CFG/VTRIM1_CFG can
affect the VOUT1 range setting (MFR_PWM_MODE1[1]) and
loop gain. For addressed ASEL_01, Page 0x00 corresponds
to Channel 0, and Page 0x01 corresponds to Channel 1. See
PAGE description section.
ASEL_01 (B9): Serial Bus Address Configuration Pin for
Channel 0 and Channel 1 Controller. On any given I2C/
SMBus serial bus segment, every device must have its
own unique subordinate address. If this pin is left open,
the LTM4683 powers up to its default subordinate address
of 0x4E (hexadecimal), i.e., 1001110b (industry-standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com