Electronic Components Datasheet Search
  English  ▼

X  

NE5209 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE5209
Description  Wideband variable gain amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5209 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE5209 Datasheet HTML 2Page - NXP Semiconductors NE5209 Datasheet HTML 3Page - NXP Semiconductors NE5209 Datasheet HTML 4Page - NXP Semiconductors NE5209 Datasheet HTML 5Page - NXP Semiconductors NE5209 Datasheet HTML 6Page - NXP Semiconductors NE5209 Datasheet HTML 7Page - NXP Semiconductors NE5209 Datasheet HTML 8Page - NXP Semiconductors NE5209 Datasheet HTML 9Page - NXP Semiconductors NE5209 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
Product specification
NE/SA5209
Wideband variable gain amplifier
1990 Aug 20
6
RF/IF
INPUT
AGC
OUTPUT
BAT 17
BAT 17
5209
5209
5209
R4
C4
D1
D2
D3
R6
R1
R2
L1
L2
R3
C3
R5
5230
+
–
VCC
VCC
R1 =R2 = 3.9k
R3 = 360Ω
R4 = 62k
R5 = 100Ω
R6 = 1k pot
2
πfL1 = 10k
L1
=L2
SR00239
Figure 3. AGC Configuration Using Cascaded NE5209s
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
OUTA
VCC1
INA
GND2
VCC2
GND1
GND1
GND2
INB
GND1
VBG
VAGC
GND2
OUTB
GND2
GND2
V
OUTA
OUTB
VCC
5VDC
+
VIN
10
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
50
Ω
(16-Pin SO, 150-mil wide)
SR00240
Figure 4. VGA AC Evaluation Board
This circuit will exhibit about a 7dB
noise
figure
with
approximately
22dB gain.
50
Ω
50
Ω
50
Ω
+5V
+1V
MINI CIRCUITS
2:1 BALUN
OR SIMILAR
SOURCE
OUTPUT
5209
1 : 2
VAGC
SR00241
Figure 5. Broadband Noise Optimization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com