Electronic Components Datasheet Search
  English  ▼

X  

NE5209 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE5209
Description  Wideband variable gain amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5209 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE5209 Datasheet HTML 3Page - NXP Semiconductors NE5209 Datasheet HTML 4Page - NXP Semiconductors NE5209 Datasheet HTML 5Page - NXP Semiconductors NE5209 Datasheet HTML 6Page - NXP Semiconductors NE5209 Datasheet HTML 7Page - NXP Semiconductors NE5209 Datasheet HTML 8Page - NXP Semiconductors NE5209 Datasheet HTML 9Page - NXP Semiconductors NE5209 Datasheet HTML 10Page - NXP Semiconductors NE5209 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
Product specification
NE/SA5209
Wideband variable gain amplifier
1990 Aug 20
7
This circuit will exhibit about a 7dB
noise
figure
with
approximately
22dB
gain.
Narrowband
circuits
have the advantage of greater stabil-
ity, particularly when multiple de-
vices are cascaded.
50
Ω
50
Ω
50
Ω
+5V
+1V
2:1 TURNS RATIO
LC TUNED
TRANSFORMER
SOURCE
OUTPUT
5209
VAGC
SR00242
Figure 6. Narrowband Noise Optimization
This circuit will exhibit about an 8dB
noise figure with 24dB gain.
50
Ω
50
Ω
50
Ω
+5V
+1V
MINI CIRCUITS
4:1 BALUN OR
EQUIVALENT
SOURCE
OUTPUT
5209
1 : 4
VAGC
SR00243
Figure 7. Broadband Gain Optimization
This circuit will exhibit approximate-
ly an 8dB noise figure and 25dB gain.
50
Ω
50
Ω
50
Ω
+5V
+1V
4:1 TURNS RATIO
LC TUNED
TRANSFORMER
SOURCE
OUTPUT
5209
VAGC
SR00244
Figure 8. Narrowband Gain Optimization
The noise figure of this configuration
will be approximately 15dB.
50
Ω
50
Ω
50
Ω
+5V
+1V
SOURCE
OUTPUT
5209
50
Ω
VAGC
SR00245
Figure 9. Simple Amplifier Configuration
With the 50
Ω source left untermi-
nated, the noise figure is 9dB.
50
Ω
50
Ω
50
Ω
+5V
+1V
SOURCE
OUTPUT
5209
VAGC
SR00246
Figure 10. Unterminated Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com