Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA5230
Description  Low voltage operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA5230 Datasheet HTML 8Page - NXP Semiconductors SA5230 Datasheet HTML 9Page - NXP Semiconductors SA5230 Datasheet HTML 10Page - NXP Semiconductors SA5230 Datasheet HTML 11Page - NXP Semiconductors SA5230 Datasheet HTML 12Page - NXP Semiconductors SA5230 Datasheet HTML 13Page - NXP Semiconductors SA5230 Datasheet HTML 14Page - NXP Semiconductors SA5230 Datasheet HTML 15Page - NXP Semiconductors SA5230 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
12
500mV/Div 200
µS/Div
Biased to Ground
500mV/Div 20
µS/Div
Biased to Ground
500mV/Div 20
µS/Div
Biased to Positive Rail
SL00258
Figure 9. Performance Waveforms for the Circuits in Figure 8.
Good Response is Shown at 1and 10kHz for Both Circuits Under Full Swing With a 2V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com