Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5230
Description  Low voltage operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5230 Datasheet HTML 1Page - NXP Semiconductors SA5230 Datasheet HTML 2Page - NXP Semiconductors SA5230 Datasheet HTML 3Page - NXP Semiconductors SA5230 Datasheet HTML 4Page - NXP Semiconductors SA5230 Datasheet HTML 5Page - NXP Semiconductors SA5230 Datasheet HTML 6Page - NXP Semiconductors SA5230 Datasheet HTML 7Page - NXP Semiconductors SA5230 Datasheet HTML 8Page - NXP Semiconductors SA5230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
2
1994 Aug 31
853-0942 13721
DESCRIPTION
The NE5230 is a very low voltage operational amplifier that can
perform with a voltage supply as low as 1.8V or as high as 15V. In
addition, split or single supplies can be used, and the output will
swing to ground when applying the latter. There is a bias adjusting
pin which controls the supply current required by the device and
thereby controls its power consumption. If the part is operated at
±0.9V supply voltages, the current required is only 110µA when the
current control pin is left open. Even with this low power
consumption, the device obtains a typical unity gain bandwidth of
180kHz. When the bias adjusting pin is connected to the negative
supply, the unity gain bandwidth is typically 600kHz while the supply
current is increased to 600
µA. In this mode, the part will supply full
power output beyond the audio range.
The NE5230 also has a unique input stage that allows the
common-mode input range to go above the positive and below the
negative supply voltages by 250mV. This provides for the largest
possible input voltages for low voltage applications. The part is also
internally-compensated to reduce external component count.
The NE5230 has a low input bias current of typically
±40nA, and a
large open-loop gain of 125dB. These two specifications are
beneficial when using the device in transducer applications. The
large open-loop gain gives very accurate signal processing because
of the large “excess” loop gain in a closed-loop system.
The output stage is a class AB type that can swing to within 100mV
of the supply voltages for the largest dynamic range that is needed
in many applications. The NE5230 is ideal for portable audio
equipment and remote transducers because of its low power
consumption, unity gain bandwidth, and 30nV/
√Hz noise
specification.
FEATURES
• Works down to 1.8V supply voltages
• Adjustable supply current
• Low noise
• Common-mode includes both rails
• V
OUT within 100mV of both rails
PIN CONFIGURATION
1
2
3
45
6
7
8
NC
–IN
+IN
OUTPUT
BIAS ADJ.
VEE
VCC
NC
–
+
N, D, FE Packages
SP00250
Figure 1. Pin Configuration
APPLICATIONS
• Portable precision instruments
• Remote transducer amplifier
• Portable audio equipment
• Rail-to-rail comparators
• Half-wave rectification without diodes
• Remote temperature transducer with 4 to 20mA output
transmission
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
NE5230D
SOT96-1
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5230N
SOT97-1
8-Pin Plastic Small Outline (SO) Package
-40
°C to +85°C
SA5230D
SOT96-1
8-Pin Ceramic Dual In-Line Package (CERDIP)
-40
°C to +85°C
SA5230FE
0580A
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA5230N
SOT97-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com