Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA5230
Description  Low voltage operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA5230 Datasheet HTML 9Page - NXP Semiconductors SA5230 Datasheet HTML 10Page - NXP Semiconductors SA5230 Datasheet HTML 11Page - NXP Semiconductors SA5230 Datasheet HTML 12Page - NXP Semiconductors SA5230 Datasheet HTML 13Page - NXP Semiconductors SA5230 Datasheet HTML 14Page - NXP Semiconductors SA5230 Datasheet HTML 15Page - NXP Semiconductors SA5230 Datasheet HTML 16Page - NXP Semiconductors SA5230 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
13
HALF-WAVE
a
b
+VIN
–VIN
a
b
+VIN
–VIN
ab
+VIN
+VB
FULL-WAVE
2a
–2VIN
0
VEE
VEE
VCC
+VB
R1
3
2
4
5
6
7
R2
R3
R5
R4
2
3
4
5
6
7
+
–
+
–
A1
A2
INPUT
HALF-WAVE
OUTPUT
FULL-WAVE
OUTPUT
500mV
500mV
500mV
520
µs
NOTES:
R2 = 2 R1
R4 = R5 = R3
+VB will vary output reference.
For single supply operation VEE can be grounded on A2.
SL00259
Figure 10. Adding an Inverting Summer to the Input and Output of the Half-Wave will Result in Full-Wave
CONCLUSION
The NE5230 is a versatile op amp in its own right. The part was
designed to give low voltage and low power operation without the
limitations of previously available amplifiers that had a multitude of
problems. The previous application examples are unique to this
amplifier and save the user money by excluding various passive
components that would have been needed if not for the NE5230’s
special input and output stages.
The NE5230 has a combination of novel specifications which allows
the designer to implement it easily into existing low-supply voltage
designs and to enhance their performance. It also offers the
engineer the freedom to achieve greater amplifier system design
goals. The low input referenced noise voltage eases the restrictions
on designs where S/N ratios are important. The wide full-power
bandwidth and output load handling capability allow it to fit into
portable audio applications. The truly ample open-loop gain and low
power consumption easily lend themselves to the requirements of
remote transducer applications. The low, untrimmed typical offset
voltage and low offset currents help to reduce errors in signal
processing designs. The amplifier is well isolated from changes on
the supply lines by its typical power supply rejection ratio of 105dB.
REFERENCES
Johan H. Huijsing,
Multi-stage Amplifier with Capacitive Nesting for
Frequency Compensation, U.S. Patent Application Serial
No. 602.234, filed April 19, 1984.
Bob Blauschild,
Differential Amplifier with Rail-to-Rail Capability,
U.S. Patent Application Serial No. 525.181, filed August 23, 1983.
Operational Amplifiers - Characteristics and Applications,
Robert G. Irvine, Prentice-Hall, Inc., Englewood Cliffs, NJ 07632, 1981.
Transducer Interface Handbook - A Guide to Analog Signal
Conditioning, Edited by Daniel H. Sheingold, Analog Devices, Inc.,
Norwood, MA 02062, 1981.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com